Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 53 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 47Page - STMicroelectronics M65KA512AB Datasheet HTML 48Page - STMicroelectronics M65KA512AB Datasheet HTML 49Page - STMicroelectronics M65KA512AB Datasheet HTML 50Page - STMicroelectronics M65KA512AB Datasheet HTML 51Page - STMicroelectronics M65KA512AB Datasheet HTML 52Page - STMicroelectronics M65KA512AB Datasheet HTML 53Page - STMicroelectronics M65KA512AB Datasheet HTML 54Page - STMicroelectronics M65KA512AB Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
M65KA512AB
Part numbering
53/55
8
Part numbering
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 14.
Ordering information scheme
Example:
M65KA512A
B
8
W 3
Device type
M65 = Low- Power SDRAM
Architecture
K = Bare Die
Operating voltage
A = VDD = VDDQ = 1.8V, Standard LPSDRAM, x16
Array organization
512 = 4 Banks x 8 Mbit x 16
Option 1
A = One Chip Enable
Option 2
B = B Die
Speed
8 = 7.5ns
Package
W = Unsawn wafer
Temperature range
8 = –30 to 85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com