Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 9 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 5Page - STMicroelectronics M65KA512AB Datasheet HTML 6Page - STMicroelectronics M65KA512AB Datasheet HTML 7Page - STMicroelectronics M65KA512AB Datasheet HTML 8Page - STMicroelectronics M65KA512AB Datasheet HTML 9Page - STMicroelectronics M65KA512AB Datasheet HTML 10Page - STMicroelectronics M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
M65KA512AB
Signal descriptions
9/55
2
Signal descriptions
See Figure 1: Logic diagram, and Table 1: Signal names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-A12)
The A0-A12 Address Inputs are used to select the row or column to be made active. If a row
is selected, all thirteen A0-A12 Address Inputs are used. If a column is selected, only the ten
least significant Address Inputs, A0-A9, are used. In this latter case, A10 determines
whether Auto Precharge is used. If A10 is High (set to ‘1’) during Read or Write, the Read or
Write operation includes an Auto Precharge cycle. If A10 is Low (set to ‘0’) during Read or
Write, the Read or Write cycle does not include an Auto Precharge cycle.
2.2
Bank Select Address Inputs (BA0-BA1)
The BA0 and BA1 Banks Select Address Inputs are used to select the bank to be made
active.
The device must be enabled, the Row Address Strobe, RAS, must be Low, VIL, the Column
Address Strobe, CAS, and W must be High, VIH, when selecting the addresses. The
address inputs are latched on the rising edge of the clock signal, K.
2.3
Data Inputs/Outputs (DQ0-DQ15)
The Data Inputs/Outputs output the data stored at the selected address during a Read
operation, or are used to input the data during a write operation.
2.4
Chip Enable (E)
The Chip Enable input E activates the memory state machine, address buffers and
decoders when driven Low, VIL. When High, VIH, the device is not selected.
2.5
Column Address Strobe (CAS)
The Column Address Strobe, CAS, is used in conjunction with Address Inputs A0-A9 and
BA1-BA0, to select the starting column location prior to a Read or Write.
2.6
Row Address Strobe (RAS)
The Row Address Strobe, RAS, is used in conjunction with Address Inputs A0-A12 and
BA1-BA0, to select the starting address location prior to a Read or Write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com