Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 26 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 22Page - STMicroelectronics M65KA512AB Datasheet HTML 23Page - STMicroelectronics M65KA512AB Datasheet HTML 24Page - STMicroelectronics M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics M65KA512AB Datasheet HTML 27Page - STMicroelectronics M65KA512AB Datasheet HTML 28Page - STMicroelectronics M65KA512AB Datasheet HTML 29Page - STMicroelectronics M65KA512AB Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 55 page
background image
DC and ac parameters
M65KA512AB
26/55
Figure 4.
AC measurement load circuit
Table 8.
Capacitance
Symbol
Parameter
Signal
M65KA512ABM65
KA512AB(1)
1.
TJ = 25 °C, f = 1 MHz
Unit
Min
Max
CI1
Input capacitance
K2.0
4.5
pF
CI2
A0-A11, BA0, BA1, KE, E, RAS,
CAS, W, UDQM, LDQM
2.0
4.5
pF
CIO
Data I/O capacitance
DQ0-DQ15
3.5
6.0
pF
Table 9.
DC characteristics 1
Symbol
Parameter
Test condition(1)
1.
TJ = –30 to 85 °C.
M65KA512ABM65KA5
12AB
Unit
Min
Max
ILI
Input Leakage current
0V
≤ V
IN ≤ 1.8V
− 22
µA
ILO
Output Leakage current
0V≤ VOUT ≤1.8V
− 1.5
1.5
µA
VIL
(2)
2.
VIL (min.) = −0.5 V (pulse width ≤ 5 ns)
Input Low voltage
VIN = 0V
− 0.3
0.3
V
VIH
(3)
3.
VIH (max.) = 2.3 V (pulse width ≤ 5 ns).
Input High voltage
VIN = 0V
0.8 VDDQ
VDDQ + 0.3
V
VOL
Output Low voltage
IOUT = 100µA VIN = 0V
0.2
V
VOH
Output High voltage
IOUT = –100µA VIN = 0V VDDQ− 0.2
V
AI12109
CL
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com