Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 28 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 24Page - STMicroelectronics M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics M65KA512AB Datasheet HTML 27Page - STMicroelectronics M65KA512AB Datasheet HTML 28Page - STMicroelectronics M65KA512AB Datasheet HTML 29Page - STMicroelectronics M65KA512AB Datasheet HTML 30Page - STMicroelectronics M65KA512AB Datasheet HTML 31Page - STMicroelectronics M65KA512AB Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
DC and ac parameters
M65KA512AB
28/55
Table 12.
AC characteristics 1
Symbol
Alt.
Parameter
M65KA512AB
M65KA512AB
Unit
Min.
Max.
tAC
Access Time from clock
CAS Latency=3
-
6
ns
CAS Latency=2
-
8
ns
tAS
(1)
1.
If tT is greater than 0.5 ns, (tT− 0.5) or ((tR + tF)/2 − 0.5) should be added.
Address Setup Time
1.9
-
ns
tAH
(1)
Address Hold Time
0.9
-
ns
tCK
Clock Cycle Time
CAS Latency=3
7.5
-
ns
CAS Latency=2
15
-
ns
tCHW
tCH
Clock High Pulse Width
2.5
-
ns
tCLW
tCL
Clock Low Pulse Width
2.5
-
ns
tCKS
(1)
Clock Enable Setup Time
1.9
-
ns
tCKSP
(1)
Clock Enable Setup Time (Power-Down Exit)
1.9
-
ns
tCKH
(1)
Clock enable Hold Time
0.9
-
ns
tCS
tCMS
(1)
Command Setup Time
1.9
-
ns
tCH
tCMH
(1)
Command Hold Time
0.9
-
ns
tDS
(1)
Data-Input Setup Time
1.9
-
ns
tDH
(1)
Data-Input Hold Time
0.9
-
ns
tOH
Data-out Hold Time
2
-
ns
tOLZ
tLZ
Clock to Data Output in Low-Z Time
0
-
ns
tOHZ
tHZ
Clock to Data Output in High-Z
Time
CAS Latency=3
0
6
ns
CAS Latency=2
0
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com