Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 23 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 19Page - STMicroelectronics M65KA512AB Datasheet HTML 20Page - STMicroelectronics M65KA512AB Datasheet HTML 21Page - STMicroelectronics M65KA512AB Datasheet HTML 22Page - STMicroelectronics M65KA512AB Datasheet HTML 23Page - STMicroelectronics M65KA512AB Datasheet HTML 24Page - STMicroelectronics M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics M65KA512AB Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
M65KA512AB
Register descriptions
23/55
Table 5.
Extended mode Register definition
Address
bits
Mode
Register bit
Description
Value
Description
A12-A10
-
-
0000
A9
EMR9
Automatic
Temperature
Compensated
Self-Refresh
(ATCSR)
0Enabled
1Reserved
A8-A7
-
-
00
A6-A5
EMR6-EMR5
Driver strength
bits
00
Full strength
01
1/2 strength
10
1/4 strength
11
1/8 strength
A4-A3
-
-
00
A2-A0
EMR2-EMR0
Partial Array Self-
Refresh bits
000
All Banks
001
Two Banks (BA1=0)
010
One Bank (BA0 and BA1 =0)
Other configurations reserved
BA1-BA0
-
-
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com