Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 13 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 9Page - STMicroelectronics M65KA512AB Datasheet HTML 10Page - STMicroelectronics M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics M65KA512AB Datasheet HTML 16Page - STMicroelectronics M65KA512AB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
M65KA512AB
Operations
13/55
3.3
Burst Write
The Write command is used to switch the device to Burst Write mode (see Section 4.4:
Write command for details). In Burst Write mode the data is input in bursts synchronized
with the clock. Burst Write operations are initiated by driving E, CAS and W Low, VIL, and
RAS High, and VIH, at the positive edge of the clock signal, K.
Burst Write can be accompanied by an Auto Precharge cycle depending on the state of the
A10 Address Input. If A10 is High (set to ‘1’) when the Write command is issued, the Write
operation is followed by an Auto Precharge cycle. If A10 is Low (set to ‘0’), Auto Precharge
is not selected and the row will remain active for subsequent accesses.
BA1 and BA0 are used to select the bank, and the A0-A9 address inputs are used to select
the starting column location.
Refer to Figure 13, Figure 14, Figure 16, Figure 17, Figure 18, Figure 19 and Figure 20 for a
detailed description of Burst Write ac waveforms.
3.4
Self Refresh
In Self Refresh mode, the data contained in the Low-Power SDRAM memory array is
retained and refreshed. The Low-Power SDRAM refresh cycles are asynchronous.
All banks must be precharged prior to executing a Self-Refresh operation. The Self-Refresh
mode is entered by driving KE Low (set to ‘0’), with E, RAS, and CAS Low, and W High (set
to ‘1’). When in this mode, the device is not clocked any more.
The Self Refresh mode is exited by driving KE from Low to High, with E High, RAS, CAS
and W Don’t Care, or with E Low and RAS, CAS and W High.
The Self Refresh operation is performed according to the settings of Extended Mode
Register bits EMR0 to EMR2. They configure the amount of the memory to be refreshed
(Partial Array Self Refresh).
3.5
Auto Refresh
The Auto Refresh mode is used to refresh the Low-Power SDRAM in normal operation
mode whenever needed.
All banks must be precharged prior to executing an Auto Refresh operation.
During the Auto Refresh, the address bits are “Don’t Care”, because the specific address
bits are generated by the internal refresh address counter.
3.6
Power-Down
In Power-Down mode, the current is reduced to the standby current (IDD3P).
All banks must be precharged before entering Power-Down mode. For the memory to enter
the Power-Down mode, KE must be held Low (set to ‘0’), after the Precharge Time tRP, with
E High (set to ‘1’), RAS, CAS and W Don’t Care, or with E Low, RAS, CAS and W High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com