Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 22 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 18Page - STMicroelectronics M65KA512AB Datasheet HTML 19Page - STMicroelectronics M65KA512AB Datasheet HTML 20Page - STMicroelectronics M65KA512AB Datasheet HTML 21Page - STMicroelectronics M65KA512AB Datasheet HTML 22Page - STMicroelectronics M65KA512AB Datasheet HTML 23Page - STMicroelectronics M65KA512AB Datasheet HTML 24Page - STMicroelectronics M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Register descriptions
M65KA512AB
22/55
5.5
Extended Mode Register description
The Extended Mode Register is used to configure the low-power self-refresh operation of
the device (PASR, DS). It is used to select the area of the memory array refreshed during
Partial Array Self Refresh operations, and the driver strength.
It is loaded by issuing a Extended Mode Register Set command that programs A0 to A12
address bits. The values placed on the address lines are then latched into the Extended
Mode Register. BA0 and BA1 must be set to ‘0’ and ‘1’ respectively.
See Table 5: Extended mode Register definition, for more details.
5.5.1
Partial Array Self Refresh bits (EMR0-EMR2)
Bits EMR0 to EMR2 of the Extended Mode Register allow to configure the amount of
memory that will be refreshed during a Self Refresh operation (see Section 3.4: Self
Refresh). It can be set to:
●
All Banks (banks 0, 1, 2, and 3)
●
Two Banks (banks 0 and 1)
●
One Bank (bank 0).
It is important to note that the data stored in the banks or portion of banks which are not
refreshed, are lost. As an example, data stored in banks 1, 2 and 3 are lost when the PASR
is set to one bank (bank 0 refreshed).
5.5.2
Driver Strength bit (EMR5-EMR6)
Extended Mode Register bits, EMR5 and EMR6, can be used to select the driver strength of
data outputs. This value should be set according to the application requirements.
5.5.3
Automatic Temperature Compensated Self Refresh bits (EMR3-EMR4)
The M65KA512ABM65KA512ABhas a built-in temperature sensor that controls
automatically the internal self refresh rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com