Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 29 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics M65KA512AB Datasheet HTML 27Page - STMicroelectronics M65KA512AB Datasheet HTML 28Page - STMicroelectronics M65KA512AB Datasheet HTML 29Page - STMicroelectronics M65KA512AB Datasheet HTML 30Page - STMicroelectronics M65KA512AB Datasheet HTML 31Page - STMicroelectronics M65KA512AB Datasheet HTML 32Page - STMicroelectronics M65KA512AB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
M65KA512AB
DC and ac parameters
29/55
Table 13.
AC characteristics 2
Symbol
Alt.
Parameter
M65KA512ABM65KA51
2AB
Unit
Min.
Max.
tDPL
Delay Time, Write Command to Data Input
2
-
(1)
tDAL
Data Input Valid to Precharge
Command
CAS Latency = 2
2*tCK + 22.5
-ns
CAS Latency = 3
-
ns
tMRD
tRSC
Mode Register Set Cycle Time
2
-
(1)
tRC
(2)
RAS Cycle Time (normal operation)
90
-
ns
tRC
RAS Cycle Time (refresh operation)
112.5
-
ns
tRC2
RAS Cycle Time (Self Refresh Exit to Refresh or
Bank/Row Activate Command)
120
-
ns
tRCD
Delay Time, RAS Active to CAS Active
27.5
-
ns
tRAS
RAS Active Time
60
120000
ns
tRP
RAS Precharge Time
22.5
-
ns
tRRD
Delay Time, RAS Active to RAS Bank Active
2
-
(1)
tREF
Refresh Time
-
64
ms
tT
Input Transition Time between VIL and VIH
0.5
30
ns
1.
The unit is the system Clock cycle time.
2.
A new command can be issued tRC after the Self Refresh mode is exited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com