Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 54 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 54 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 47Page - STMicroelectronics M65KA512AB Datasheet HTML 48Page - STMicroelectronics M65KA512AB Datasheet HTML 49Page - STMicroelectronics M65KA512AB Datasheet HTML 50Page - STMicroelectronics M65KA512AB Datasheet HTML 51Page - STMicroelectronics M65KA512AB Datasheet HTML 52Page - STMicroelectronics M65KA512AB Datasheet HTML 53Page - STMicroelectronics M65KA512AB Datasheet HTML 54Page - STMicroelectronics M65KA512AB Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Revision history
M65KA512AB
54/55
9
Revision history
Date
Revision
Changes
18-Nov-2005
0.1
Initial release.
31-Jan-2006
1.0
Table 8: Capacitance and Table 11: Self-Refresh current values in
Normal Operating Mode filled-in.
Table 10: DC characteristics 2 and Table 12: AC characteristics 1
updated.
Wafer and Die specifications section removed.
12-Sep-2006
2
Changed Burst Stop to Burst Terminate in Features; changed the
Operating Temperature Range from
− 25 to − 30 in Features, Table 6,
Table 7, Table 9, Table 10, Table 11, and Table 14; updated footnotes in
Table 7, Table 9, Table 10, and Table 12; updated tT value in Table 7:
Operating and ac measurement conditions; updated package
information and removed option ‘T’ in Table 14: Ordering information
scheme.
20-Mar-2007
3
tRCD minimum value updated in Table 13: AC characteristics 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com