Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 14 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 10Page - STMicroelectronics M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics M65KA512AB Datasheet HTML 16Page - STMicroelectronics M65KA512AB Datasheet HTML 17Page - STMicroelectronics M65KA512AB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
Operations
M65KA512AB
14/55
3.7
Deep Power-Down
The purpose of this mode is to achieve maximum power reduction by cutting the power
supply to the whole memory array. Data is no longer retained when the device enters Deep
Power-Down Mode.
All banks must be precharged before entering Deep Power-Down mode. The
M65KA512ABM65KA512AB enters Deep Power Down Mode by holding E and W Low with
RAS and CAS High at the rising edge of the clock, K, while driving KE Low (see Figure 26:
Deep Power-Down Entry ac waveforms).
The M65KA512AB exits Deep Power-Down mode by asserting KE High. A special
sequence is then required before the device can take any new command into account:
1.
Maintain No Operation status conditions for a minimum of 200µs,
2.
Issue a Precharge command to all banks of the device (see Section 4.6: Precharge
command for details),
3.
Issue a Mode Register Set command to initialize the Mode Register bits,
4.
Issue an Extended Mode Register Set command to initialize the Extended Mode
Register bits,
5.
Issue 2 or more Auto Refresh commands.
The Deep Power-Down mode exit sequence is illustrated in Figure 27: Deep Power-Down
Exit ac waveforms.
Note:
The 2 Auto Refresh commands can be issued either after or before the configuration of the
Mode and Extended Mode Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com