Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 15 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics M65KA512AB Datasheet HTML 16Page - STMicroelectronics M65KA512AB Datasheet HTML 17Page - STMicroelectronics M65KA512AB Datasheet HTML 18Page - STMicroelectronics M65KA512AB Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
M65KA512AB
Operations
15/55
Table 2.
Operating mode(1)
Operating mode
KEn-1
KEn
E
RAS
CAS
W
A10
A11,
A12
A0-A9
BA0-
BA1
UDQM/L
DQM
Burst Read
VIH
XVIL
VIH
VIL
VIH
VIL
Valid
Start
Column
Address
Bank
Select
Valid
Burst Write
VIH
XVIL
VIH
VIL
VIL
VIL
Valid
Start
Column
Address
Bank
Select
X
Self Refresh
VIH
VIL
VIL
VIL
VIL
VIH
XX
X
Auto Refresh
VIH
VIH
VIL
VIL
VIL
VIH
XX
X
Power-Down with
Precharge
VIH
VIL
VIL
VIH
VIH
VIH
XX
X
VIH
XX
X
Deep Power-
Down
VIH
VIL
VIL
VIH
VIH
VIL
XX
X
Device Deselect
VIH
XVIH
XX
X
X
X
X
X
X
No operation
VIH
XVIL
VIH
VIH
VIH
XX
1.
X = Don’t Care VIL or VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com