Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 16 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics M65KA512AB Datasheet HTML 16Page - STMicroelectronics M65KA512AB Datasheet HTML 17Page - STMicroelectronics M65KA512AB Datasheet HTML 18Page - STMicroelectronics M65KA512AB Datasheet HTML 19Page - STMicroelectronics M65KA512AB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
Commands
M65KA512AB
16/55
4
Commands
There are 14 basic commands that control the memory. They can be combined to obtain 21
higher level commands shown in Table 3: Commands.
4.1
Mode Register Set command
The Mode Register Set command is issued by applying VIL to E, RAS, CAS and W and by
setting BA0 and BA1 to ‘0’.
The Mode Register Set command is used to configure the specific mode of operation of the
device by programming the Mode Register:
●
Burst Length (1, 2, 4, 8, Full Page),
●
CAS Latency (2, or 3),
●
Burst Type (sequential or interleaved).
The Mode Register Set command must be executed after the Power-Up sequence prior to
issuing a Bank(Row) Activate command (see Figure 15: Mode Register Set ac waveforms).
4.2
Extended Mode Register Set command
The Extended Mode Register Set command is issued by applying VIL to E, RAS, CAS and
W, and then by setting BA0 to ‘0’, and BA1 to ‘1’.
The Extended Mode Register Set command is used to configure the self refresh operation
of the device and the driver strength by programming the Extended Mode Register bits:
●
Partial arrays to be refreshed (all banks, two banks, one bank),
●
Driver strength (full, 1/2 strength, 1/4 strength, 1/8 strength).
The Extended Mode Register bit controlling the Automatic TSCR (A9) should always be
cleared to ‘0’ (A9 = ‘1’ is reserved).
The Extended Mode Register Set command must be executed after the Power-Up
sequence prior to issuing a Bank(Row) Activate command.
4.3
Bank (Row) Activate command
The Bank (Row) Activate command is used to activate a row in a specific bank of the device.
This command is initiated by driving E and RAS Low, and CAS and W High, VIH, at the
positive edge of the clock signal, K. The value on BA1 and BA0 selects the bank, and the
value on A0-A12 selects the row. The selected row remains active for column access until a
Precharge command is issued to that bank.
A minimum time of tRCD is required after issuing the Bank (Row) Active command prior to
initiating Read and Write operations from and to the activated bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com