Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 1 Page - STMicroelectronics

  M65KA512AB Datasheet HTML 1Page - STMicroelectronics M65KA512AB Datasheet HTML 2Page - STMicroelectronics M65KA512AB Datasheet HTML 3Page - STMicroelectronics M65KA512AB Datasheet HTML 4Page - STMicroelectronics M65KA512AB Datasheet HTML 5Page - STMicroelectronics M65KA512AB Datasheet HTML 6Page - STMicroelectronics M65KA512AB Datasheet HTML 7Page - STMicroelectronics M65KA512AB Datasheet HTML 8Page - STMicroelectronics M65KA512AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
March 2007
Rev 3
1/55
1
M65KA512AB
512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate,
Bare Die, 1.8 V Supply, Low Power SDRAM
Features
512 Mbit Synchronous Dynamic Ram
– Organized as 4 Banks of 8 Mwords, each
16 bits wide
Supply voltage
–VDD = 1.7 to 1.9 V (1.8 V typical in
accordance with JEDEC standard)
–VDDQ = 1.7 to 1.9 V for Input/Output
Synchronous Burst Read and Write
– Fixed Burst Lengths: 1, 2, 4, 8 words or Full
Page
– Burst Types: Sequential and Interleaved.
– Clock Frequency: 133 MHz (7.5 ns speed
class)
– Clock Valid to Output Delay (CAS Latency):
3 at 133 MHz
– Burst Control by Burst Terminate and
Precharge Command
Automatic and controlled Precharge
Byte control by LDQM and UDQM
Low-power features:
– Partial Array Self Refresh (PASR),
– Automatic Temperature Compensated Self
Refresh (TCSR)
– Driver Strength (DS)
– Deep Power-Down Mode
Auto Refresh and Self Refresh
LVCMOS Interface compatible with
multiplexed addressing
Operating temperature range
− 30to 85 °C
M65KA512AB is only available as part of a multiple memory product
Wafer
www.st.com


Similar Part No. - M65KA512AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M65KA128AL STMICROELECTRONICS-M65KA128AL Datasheet
486Kb / 53P
128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
28-Apr-2006
M65KA128AL10W5 STMICROELECTRONICS-M65KA128AL10W5 Datasheet
486Kb / 53P
128Mbit (4 Banks x 2M x 16) 1.8V Supply, Low Power SDRAMs
28-Apr-2006
More results

Similar Description - M65KA512AB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S51163PF-YF SAMSUNG-K4S51163PF-YF Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile-SDRAM
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
8M x 16Bit x 4 Banks Mobile SDRAM
K4S511632D SAMSUNG-K4S511632D Datasheet
45Kb / 9P
DDP 512Mbit SDRAM 8M x 16bit x 4 Banks Synchronous DRAM LVTTL
logo
Winbond
W982508AH WINBOND-W982508AH Datasheet
1Mb / 41P
8M X 4 BANKS X 8 BIT SDRAM
logo
STMicroelectronics
M65KG512AB STMICROELECTRONICS-M65KG512AB Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
M65KG256AB STMICROELECTRONICS-M65KG256AB Datasheet
506Kb / 51P
256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
09-Feb-2006
logo
Elite Semiconductor Mem...
M13S5121632A ESMT-M13S5121632A Datasheet
971Kb / 47P
8M x 16 Bit x 4 Banks Double Data Rate SDRAM
M14D5121632A ESMT-M14D5121632A Datasheet
980Kb / 59P
8M x 16 Bit x 4 Banks DDR II SDRAM
M14D5121632A ESMT-M14D5121632A_1 Datasheet
987Kb / 59P
8M x 16 Bit x 4 Banks DDR II SDRAM
logo
Winbond
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
8M x 4 BANKS x 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com