Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 18 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics M65KA512AB Datasheet HTML 16Page - STMicroelectronics M65KA512AB Datasheet HTML 17Page - STMicroelectronics M65KA512AB Datasheet HTML 18Page - STMicroelectronics M65KA512AB Datasheet HTML 19Page - STMicroelectronics M65KA512AB Datasheet HTML 20Page - STMicroelectronics M65KA512AB Datasheet HTML 21Page - STMicroelectronics M65KA512AB Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Commands
M65KA512AB
18/55
4.11
Auto Refresh command
The Auto Refresh command is used to put the device in Auto refresh mode (see Section 3.5:
Auto Refresh and Figure 24: Auto refresh ac waveforms).
4.12
Self Refresh command
The purpose of the Self Refresh command is used to put the device in Self Refresh mode to
retain and refresh the data contained in the Low-Power SDRAM memory array. In Self
Refresh mode, the Low-Power SDRAM runs Refresh cycles asynchronously.
The Self Refresh cycle is performed according to the Extended Mode Register bits EMR0 to
EMR2 that configure the part of the memory array being refreshed (Partial Array Self
Refresh).
For more information on how the command is issued, refer to Figure 25: Self refresh ac
waveforms.
4.13
Power-Down command
The Power-Down command is used to put the device in Power-Down mode where the
operating current is reduced to the Standby current.
All banks must be precharged and a minimum time of tRP must elapse before issuing the
Power-Down command.
4.14
Deep Power-Down command
The Deep Power-Down command is used to switch the Low-Power SDRAM to Deep Power-
Down Mode. This mode provides maximum power reduction as it cuts the power of the
entire memory array of the device. For more information on how the command is issued and
its exit sequence, see Section 3.7: Deep Power-Down, Figure 26: Deep Power-Down Entry
ac waveforms, and Figure 27: Deep Power-Down Exit ac waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com