Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 51 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 51 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 47Page - STMicroelectronics M65KA512AB Datasheet HTML 48Page - STMicroelectronics M65KA512AB Datasheet HTML 49Page - STMicroelectronics M65KA512AB Datasheet HTML 50Page - STMicroelectronics M65KA512AB Datasheet HTML 51Page - STMicroelectronics M65KA512AB Datasheet HTML 52Page - STMicroelectronics M65KA512AB Datasheet HTML 53Page - STMicroelectronics M65KA512AB Datasheet HTML 54Page - STMicroelectronics M65KA512AB Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 51 / 55 page
background image
M65KA512AB
DC and ac parameters
51/55
Figure 26.
Deep Power-Down Entry ac waveforms
1.
BA0, BA1 and address bits A0 to A12 are ‘Don’t Care’.
A10
DQ0-DQ15
Hi-Z
K
KE
E
RAS
CAS
W
ai07720c
Precharge All Banks
(optional)
Deep Power-Down
Entry
T0
T1
T2
T3
T4
T5
tRP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com