Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 27 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 23Page - STMicroelectronics M65KA512AB Datasheet HTML 24Page - STMicroelectronics M65KA512AB Datasheet HTML 25Page - STMicroelectronics M65KA512AB Datasheet HTML 26Page - STMicroelectronics M65KA512AB Datasheet HTML 27Page - STMicroelectronics M65KA512AB Datasheet HTML 28Page - STMicroelectronics M65KA512AB Datasheet HTML 29Page - STMicroelectronics M65KA512AB Datasheet HTML 30Page - STMicroelectronics M65KA512AB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
M65KA512AB
DC and ac parameters
27/55
Table 10.
DC characteristics 2
Symbol
Parameter
Test condition(1)
M65KA512AB
Unit
Max
IDD1
(2)
Operating current
CAS Latency = 2 Burst length = 1, one bank active
tRC ≥ tRC(min), IOL = 0 mA
70
mA
CAS Latency = 3
70
IDD2P
Precharge Standby current in
Power-Down Mode
KE
≤ V
IL(max), tK = tK(min)
0.8
mA
IDD2PS
KE
≤ V
IL(max), tK = ∞
0.6
IDD2N
Precharge Standby current in
Non Power-Down Mode
KE ≥ VIH (min), E ≥ VIH (min), tK =
tK(min)
Input signals changed once in 30 ns
All other pins ≥ VDD − 0.2 V or ≤ 0.2 V
4.0
mA
IDD2NS
KE ≥ VIH (min), tK = ∞
Input signals are stable
2.0
IDD3P
Active Standby current in
Power-Down Mode
KE
≤ V
IL(max), tK = tK(min)
3.0
mA
IDD3PS
KE
≤ V
IL(max), tK = ∞
1.2
IDD3N
Active Standby current in
Non Power-Down Mode
KE ≥ VIH (min), E ≥ VIH (min), tK= tK(min)
Input signals changed once in 30 ns
All other pins ≥ VDD − 0.2 V or ≤ 0.2 V
10
mA
IDD3NS
KE ≥ VIH (min), tK = ∞
Input signals are stable
7
IDD4
(2)
Burst Mode current
CAS Latency = 2 t
K ≥ tK (min), IOL = 0 mA
All banks active
50
mA
CAS Latency = 3
85
IDD5
Auto-Refresh current
tRRC ≥ tRRC (min), All banks active
90
mA
IDD6
Self-Refresh current
KE
≤ 0.2 V
See Table 11
µA
IDD7
Standby current in Deep
Power-Down Mode
KE
≤ 0.2 V
10
µA
1.
TJ = –30 to 85 °C.
2.
IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open.
Table 11.
Self-Refresh current values in Normal Operating Mode
Temperature in °C
Memory array(1)
1.
VDD = 1.8 ± 0.1 V, VDDQ = 1.8 ± 0.1 V, VSSQ = 0 V.
Unit
4 Banks
2 Banks
1 Bank
Typ
Max
Typ
Max
Typ
Max
70
≤ T
J ≤ 85
800
650
490
µA
40
≤ T
J ≤ 70
550
380
290
µA
–30
≤ T
J ≤ 40
300
240
210
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com