Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 40 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 36Page - STMicroelectronics M65KA512AB Datasheet HTML 37Page - STMicroelectronics M65KA512AB Datasheet HTML 38Page - STMicroelectronics M65KA512AB Datasheet HTML 39Page - STMicroelectronics M65KA512AB Datasheet HTML 40Page - STMicroelectronics M65KA512AB Datasheet HTML 41Page - STMicroelectronics M65KA512AB Datasheet HTML 42Page - STMicroelectronics M65KA512AB Datasheet HTML 43Page - STMicroelectronics M65KA512AB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
DC and ac parameters
M65KA512AB
40/55
Figure 15.
Mode Register Set ac waveforms
1.
To program the Extended Mode Register, BA0 and BA1 must be set to ‘0’ and ‘1’ respectively, and A0 to
A11 to the Extended Mode Register Data.
2.
MR Data is the value to be written to the Mode Register.
A10
DQ0-DQ15
K
Hi-Z
AI09948
W
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
KE
E
RAS
CAS
BA0
BA1
Address
LDQM/
UDQM
High
tMRD, 2 Clock Cycles (min)
MR
Data (2)
tRP
Precharge
All Banks
Mode Register
Set
Bank/Row
Activate
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com