Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 11 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 7Page - STMicroelectronics M65KA512AB Datasheet HTML 8Page - STMicroelectronics M65KA512AB Datasheet HTML 9Page - STMicroelectronics M65KA512AB Datasheet HTML 10Page - STMicroelectronics M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics M65KA512AB Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
M65KA512AB
Signal descriptions
11/55
2.14
VSSQ Ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS.
Note:
Each device in a system should have VDD and VDDQ decoupled with a 0.1µF ceramic
capacitor close to the pin (high frequency, inherently low inductance capacitors should be as
close as possible to the package).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com