Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KA512AB Datasheet(PDF) 10 Page - STMicroelectronics

Part # M65KA512AB
Description  512Mbit (4 Banks x 8M x 16), 133 MHz Clock Rate, Bare Die, 1.8 V Supply, Low Power SDRAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KA512AB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M65KA512AB Datasheet HTML 6Page - STMicroelectronics M65KA512AB Datasheet HTML 7Page - STMicroelectronics M65KA512AB Datasheet HTML 8Page - STMicroelectronics M65KA512AB Datasheet HTML 9Page - STMicroelectronics M65KA512AB Datasheet HTML 10Page - STMicroelectronics M65KA512AB Datasheet HTML 11Page - STMicroelectronics M65KA512AB Datasheet HTML 12Page - STMicroelectronics M65KA512AB Datasheet HTML 13Page - STMicroelectronics M65KA512AB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Signal descriptions
M65KA512AB
10/55
2.7
Write Enable (W)
The Write Enable input, W, controls writing.
2.8
Clock Input (K)
The Clock signal, K, is used to clock the Read and Write cycles. During normal operation,
the Clock Enable pin, KE, is High, VIH. The clock signal K can be suspended to switch the
device to the Self-Refresh, Power-Down or Deep Power-Down mode by driving KE Low, VIL.
2.9
Clock Enable (KE)
The Clock Enable, KE, pin is used to control the synchronizing of the signals with Clock
signal K. If KE is High, VIH, the next Clock rising edge is valid. When KE is Low, VIL, the
signals are no longer clocked and data Read and Write cycles are extended. KE is also
involved in switching the device to the Self-Refresh, Power-Down and Deep Power-Down
modes.
2.10
Lower/Upper Data Input/Output Mask (LDQM, UDQM)
Lower Data Input/Output Mask and Upper Data Input/Output Mask pins are input signals
used to mask the Read or Write data. The DQM latency is two clock cycles for read
operations and there is no latency for write operations.
2.11
VDD Supply voltage
VDD provides the power supply to the internal core of the memory device. It is the main
power supply for all operations (Read and Write).
2.12
VDDQ Supply voltage
VDDQ provides the power supply to the I/O pins and enables all Outputs to be powered
independently of VDD. VDDQ can be tied to VDD or can use a separate supply.
It is recommended to power-up and power-down VDD and VDDQ together to avoid certain
conditions that would result in data corruption.
2.13
VSS Ground
Ground, VSS, is the reference for the core power supply. It must be connected to the system
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com