Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 108 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 104Page - STMicroelectronics SPSB100 Datasheet HTML 105Page - STMicroelectronics SPSB100 Datasheet HTML 106Page - STMicroelectronics SPSB100 Datasheet HTML 107Page - STMicroelectronics SPSB100 Datasheet HTML 108Page - STMicroelectronics SPSB100 Datasheet HTML 109Page - STMicroelectronics SPSB100 Datasheet HTML 110Page - STMicroelectronics SPSB100 Datasheet HTML 111Page - STMicroelectronics SPSB100 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 214 page
background image
Component
Block/Usage
Min
Typ Max Unit
Note
C_Buck1_24
C_Buck2_24
C_Buck3
Output capacitor at 2.4
MHz
T = 27 °C
Vout_buck1 = 3.3 V
17
22
27
µF
ESR: < 15 mΩ
Rated voltage: > 10 VDC
X7R [±15% temperature characteristics]
SMD
Choice: CGA6P1X7R1C226M250AC
L_Buck1_24
L_Buck2_24
Output inductor at 2.4 MHz
Iout = 3 A
2.2
3.3
4
µH
Rdc: < 25 mΩ
Isat > 8 A
SRF > 15 MHz
SMD
Choice: XAL6030-332ME
Cbst_Buck1
Cbst_Buck2
Bootstrap capacitor
37.6
47
56.4
nF
-
Cbst_Buck3
Bootstrap capacitor
80
100
120
nF
-
L_Buck3
Output inductor
Iout = 6 A
2.2
3.3
4
µH
Rdc: < 15 mΩ
Isat > 10 A
SRF > 15 MHz
SMD
Choice: SPM10040T-3R3M-HZ
Cc_Buck1_24
Cc_Buck2_24
F = 2.4 MHz
1.2
1.5
1.8
nF
-
Cc_Buck3
-
3.76
4.7
5.64
nF
-
Rc_Buck1_24
Rc_Buck2_24
F = 2.4 MHz
14.25 15 15.75
kΩ
-
Rc_Buck3
-
0.95
1
1.05
kΩ
-
C_Buck1_04
C_Buck2_04
Output capacitor at 400
kHz
T = 27 °C
Vout_buck1 = 3.3 V
33
47
56
µF
ESR: < 15 mΩ
Rated voltage: > 10 VDC
X7R [±15% temperature characteristics]
Choice: CGA6P1X7S1A476M250AC
L_Buck1_04
L_Buck2_04
Output inductor at 400 kHz
Iout = 3 A
11
15
18
µH
Rdc : < 40mΩ
Isat > 8 A
SRF > 4 MHz
SMD
Choice: SPM12565VT-150M-D
Cc_Buck1_04
Cc_Buck2_04
F = 400 kHz
8
10
12
nF
-
Rc_Buck1_04
Rc_Buck2_04
F = 400 kHz
4.84
5.1
5.35
kΩ
-
CVREG
-
3
4.7
10
µF
max ESR < 0.1 Ω
Rated voltage > 5 V
X7R
Choice: CGA4J3X7R1A475K125AB
CLDO1
-
-
2.2
-
µF
-
SPSB100
Application circuit
DS14640 - Rev 1
page 108/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com