Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 107Page - STMicroelectronics SPSB100 Datasheet HTML 108Page - STMicroelectronics SPSB100 Datasheet HTML 109Page - STMicroelectronics SPSB100 Datasheet HTML 110Page - STMicroelectronics SPSB100 Datasheet HTML 111Page - STMicroelectronics SPSB100 Datasheet HTML 112Page - STMicroelectronics SPSB100 Datasheet HTML 113Page - STMicroelectronics SPSB100 Datasheet HTML 114Page - STMicroelectronics SPSB100 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 214 page
background image
9
SPI registers
9.1
Global status byte GSB
Table 51. Global status byte GSB
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
Bit 24
1 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
GSBN
RSTB
SPIE
RES
FE1
DE
GW
FS
Global status bit inverted
Reset SPI error Reserved
Functional error bit 1
Device error
Global warning
Fail-safe
Table 52. Global status byte GSB description
Bit Name
Description
31 GSBN
Global status bit inverted
The GSBN is a logically NOR combination of GSB bits 0 to bit 6(1).
This bit can also be used as a global status flag without starting a complete communication frame as it is present
at SDO directly after pulling CSN low.
0: Error detected (one or several GSB bits from 0 to 6 are set)
1: No error detected (default after power-on)
Specific fault detection may be masked in the configuration registers 0x3F. A masked fault detection will still be
reported in the GSB by the related fault flag, however it is not reflected in the GSBN (see the
Section 5.2.2: Communication protocol for masks).
30 RSTB
Reset
The RSTB indicates that the NRESET output has been asserted low, this flag is set in case of:
•
Power-down sequence
•
WDFAIL (SR1 - 0x31)
•
FCCU fail (SR1 - 0x31)
0: No reset signal has been generated (default)
1: Reset signal has been generated
RSTB is cleared by a read and Clear command to all bits in status register 1 causing the reset event.
29
SPIE
SPI error bit
The SPIE indicates errors related to a wrong SPI communication.
•
SPI_SDI_STUCK_HIGH (SR2 - 0x32)
•
SPI_SDI_STUCK_LOW (SR2 - 0x32)
•
SPI_CSN_TIMEOUT (SR2 - 0x32)
•
SPI_CRC_ERR (SR2 - 0x32)
•
SPI_UNDEF_ADD (SR2 - 0x32)
•
SPI_STATUS_WRT (SR2 - 0x32)
•
SPI_CLK_CNT (SR2 - 0x32)
•
SPI_LBISTED (SR2 - 0x32)
0: No error (default)
1: Error detected
28
RES
Reserved
27
FE1
Functional error bit 1
The FE1 is a logical OR combination of errors coming from functional blocks.
•
OUTHS_OC (SR3 - 0x33)
•
OUTHS_OL (SR3 - 0x33)
•
BUCK1_UV (SR5 - 0x35)
•
BUCK2_UV (SR5 - 0x35)
SPSB100
SPI registers
DS14640 - Rev 1
page 111/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com