Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 148 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 144Page - STMicroelectronics SPSB100 Datasheet HTML 145Page - STMicroelectronics SPSB100 Datasheet HTML 146Page - STMicroelectronics SPSB100 Datasheet HTML 147Page - STMicroelectronics SPSB100 Datasheet HTML 148Page - STMicroelectronics SPSB100 Datasheet HTML 149Page - STMicroelectronics SPSB100 Datasheet HTML 150Page - STMicroelectronics SPSB100 Datasheet HTML 151Page - STMicroelectronics SPSB100 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 214 page
background image
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
NRESET pull-down step
assertion bit 1
NRESET pull-down step
assertion bit 0
NRESET pull-up step deassertion bit
2
NRESET pull-up step deassertion bit
1
NRESET pull-up step deassertion bit
0
Pull-up wait
power good
enable bit 7
Pull-up wait
power good
enable bit 6
Pull-up wait
power good
enable bit 5
Table 146. DCR16 (0x10) description
Bit
Name
Description
15
NRESET_PD_STEP_ASSERT_1
14
NRESET_PD_STEP_ASSERT_0
13
NRESET_PU_STEP_DEASSERT_2
To define NRESET deassertion and WD start step
000: End of step 7
001: Step 1
010: Step 2
011: Step 3
100: Step 4
101: Step 5
110: Step 6
111: Step 7
12
NRESET_PU_STEP_DEASSERT_1
11
NRESET_PU_STEP_DEASSERT_0
10
PU_WAIT_PG_ENA_7
1: At power-up step 7 waits for power-good signal
0: At power-up step 7 does not wait for a power-good signal
9
PU_WAIT_PG_ENA_6
1: At power-up step 6 waits for power-good signal
0: At power-up step 6 does not wait for a power-good signal
8
PU_WAIT_PG_ENA_5
1: At power-up step 5 waits for power-good signal
0: At power-up step 5 does not wait for a power-good signal
Table 147. DCR16 (0x10) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
PU_WAIT_PG_ENA_4
PU_WAIT_PG_ENA_3
PU_WAIT_PG_ENA_2
PU_WAIT_PG_ENA_1
CRC3
CRC2
CRC1
CRC0
Pull-up wait power-good
enable bit 4
Pull-up wait power-good
enable bit 3
Pull-up wait power-good
enable bit 2
Pull-up wait power-good
enable bit 1
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 148. DCR16 (0x10) LSB description
Bit
Name
Description
7
PU_WAIT_PG_ENA_4
1: At power-up step 4 waits for power-good signal
0: At power-up step 4 does not wait for a power-good signal
6
PU_WAIT_PG_ENA_3
1: At power-up step 3 waits for power-good signal
0: At power-up step 3 does not wait for a power-good signal
5
PU_WAIT_PG_ENA_2
1: At power-up step 2 waits for power-good signal
0: At power-up step 2 does not wait for a power-good signal
4
PU_WAIT_PG_ENA_1
1: At power-up step 1 waits for power-good signal
0: At power-up step 1 does not wait for a power-good signal
3
CRC 3
2
CRC 2
SPSB100
SPI registers
DS14640 - Rev 1
page 148/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com