Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 149 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 145Page - STMicroelectronics SPSB100 Datasheet HTML 146Page - STMicroelectronics SPSB100 Datasheet HTML 147Page - STMicroelectronics SPSB100 Datasheet HTML 148Page - STMicroelectronics SPSB100 Datasheet HTML 149Page - STMicroelectronics SPSB100 Datasheet HTML 150Page - STMicroelectronics SPSB100 Datasheet HTML 151Page - STMicroelectronics SPSB100 Datasheet HTML 152Page - STMicroelectronics SPSB100 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 214 page
background image
Bit
Name
Description
1
CRC 1
0
CRC 0
Table 149. DCR17 (0x11) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R)
- (R)
- (R)
- (R)
RES
RES
RES
RES
U_NVM_CRC0_7
U_NVM_CRC0_6
U_NVM_CRC0_5
U_NVM_CRC0_4
Reserved Reserved Reserved Reserved
User NVM CRC 0
bit 7
User NVM CRC 0
bit 6
User NVM CRC 0
bit 5
User NVM CRC 0
bit 4
Table 150. DCR17 (0x11) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
U_NVM_CRC0_7
18
U_NVM_CRC0_6
17
U_NVM_CRC0_5
16
U_NVM_CRC0_4
Table 151. DCR17 (0x11)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_CRC0_3 U_NVM_CRC0_2 U_NVM_CRC0_1 U_NVM_CRC0_0 U_PROG0_1 U_PROG0_1 U_NVM_H_5 U_NVM_H_4
User NVM CRC 0
bit 3
User NVM CRC 0
bit 2
User NVM CRC 0
bit 1
User NVM CRC 0
bit 0
User
program 0 bit
1
User
program 0 bit
0
User NVM H
register bit 5
User NVM H
register bit 4
Table 152. DCR17 (0x11) description
Bit
Name
Description
15
U_NVM_CRC0_3
14
U_NVM_CRC0_2
13
U_NVM_CRC0_1
12
U_NVM_CRC0_0
11
U_PROG0_1
Not accessible by user but programmed by NVM controller during user programming
10
U_PROG0_0
Not accessible by user but programmed by NVM controller during user programming
9
U_NVM_H_5
8
U_NVM_H_4
SPSB100
SPI registers
DS14640 - Rev 1
page 149/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com