Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 161 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 157Page - STMicroelectronics SPSB100 Datasheet HTML 158Page - STMicroelectronics SPSB100 Datasheet HTML 159Page - STMicroelectronics SPSB100 Datasheet HTML 160Page - STMicroelectronics SPSB100 Datasheet HTML 161Page - STMicroelectronics SPSB100 Datasheet HTML 162Page - STMicroelectronics SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 214 page
background image
Bit
Name
Description
20
RES
Reserved
19
U_NVM_CRC1_7
User NVM regs
Can be emulated when FSM is in U_PROG_1 state
18
U_NVM_CRC1_6
17
U_NVM_CRC1_5
16
U_NVM_CRC1_4
Table 199. DCR25 (0x19)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_CRC1_3 U_NVM_CRC1_2 U_NVM_CRC1_1 U_NVM_CRC1_0 U_PROG1_1 U_PROG1_0 U_NVM_P_5 U_NVM_P_4
User NVM CRC1
bit 3
User NVM CRC1
bit 2
User NVM CRC1
bit 1
User NVM CRC1
bit 0
User
program 1 bit
1
User
program 1 bit
0
User NVM P
register bit 5
User NVM P
register bit 4
Table 200. DCR25 (0x19)
Bit
Name
Description
15
U_NVM_CRC1_3
14
U_NVM_CRC1_2
13
U_NVM_CRC1_1
12
U_NVM_CRC1_0
11
U_PROG1_1
Not accessible by user but programmed by NVM controller during user programming
10
U_PROG1_0
Not accessible by user but programmed by NVM controller during user programming
9
U_NVM_P_5
8
U_NVM_P_4
Table 201. DCR25 (0x19) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
- (R)
U_NVM_P_3
U_NVM_P_2
U_NVM_P_1
U_NVM_P_0
CRC3
CRC2
CRC1
CRC0
User NVM P
register bit 3
User NVM P
register bit 2
User NVM P
register bit 1
User NVM P
register bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 202. DCR25 (0x19) LSB description
Bit
Name
Description
7
U_NVM_P_3
6
U_NVM_P_2
5
U_NVM_P_1
4
U_NVM_P_0
3
CRC 3
2
CRC 2
SPSB100
SPI registers
DS14640 - Rev 1
page 161/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com