Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 165 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 161Page - STMicroelectronics SPSB100 Datasheet HTML 162Page - STMicroelectronics SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 214 page
background image
Bit
Name
Description
0: No error
11
BUCK1_OV
1: BUCK1 overvoltage detected
0: No error
10
BUCK1_UV
1: BUCK1 undervoltage detected
0: No error
9
BUCK1_PG_TIMEOUT
BUCK1 power-good time out during power-up sequence
1: Indicates that the power-good is not reached at the end of timeout
Bit is latched until a “read and clear” command
8
LDO2_PG_TIMEOUT
1: PG timeout occurs following a SPI request to tun on LDO2
Table 213. DSR1 (0x21) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
LDO2_UV
LDO2_OV
LDO1_PG_TIMEOUT
LDO1_UV
CRC3
CRC2
CRC1
CRC0
LDO2
undervoltage
bit
LDO2
overvoltage
bit
LDO1 power-good
timeout bit
LDO1
undervoltage
bit
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 214. DSR1 (0x21) LSB description
Bit
Name
Description
7
LDO2_UV
Indicates undervoltage condition at voltage regulator LDO2 (LDO2 < VRTx)
1: Undervoltage
Bit is latched until a “read and clear” command
6
LDO2_OV
Indicates overvoltage condition at voltage regulator LDO2
1: Overvoltage
Bit is latched until a “read and clear” command
5
LDO1_PG_TIMEOUT
1: PG timeout occurs following a SPI request to tun on LDO1
4
LDO1_UV
Indicates undervoltage condition at voltage regulator LDO1 (LDO1 < VRTx)
1: Undervoltage
Bit is latched until a “read and clear” command
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 215. DSR2 (0x22) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
OUTHS_OL
OUTHS_OC
BOOST_IN_LP
BYPASS_VDSMON_ERROR
BOOST_VDSMON_ERROR
FBB_OV
FBB_UV
Reserved
OUTHS open
load bit
OUTHS
overcurrent bit
BOOST in Low power
mode bit
Bypass VDSMON error bit
BOOST VDSMON error bit
FBB overvoltage
bit
FBB undervoltage
bit
SPSB100
SPI registers
DS14640 - Rev 1
page 165/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com