Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 167 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 163Page - STMicroelectronics SPSB100 Datasheet HTML 164Page - STMicroelectronics SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 214 page
background image
Bit
Name
Description
10
VIO_UV
VIO under voltage
1: Indicates the voltage at VIO has reached the undervoltage threshold
Bit is latched until a “read and clear” command
9
TSD_CL4
Thermal shutdown of cluster x
1: Indicates cluster x has reached the thermal shutdown threshold (TSD) and the output
cluster was shut down
Bit is latched until a “read and clear” command
8
TSD_CL3
Table 219. DSR2 (0x22) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TSD_CL2
TSD_CL1
TSD_CL0
TSD
CRC3
CRC2
CRC1
CRC0
Thermal
shutdown of
cluster 2 bit
Thermal
shutdown of
cluster 1 bit
Thermal
shutdown of
cluster 0 bit
Thermal
shutdown
bit
Cyclic
redundancy
checking bit 3
Cyclic
redundancy
checking bit 2
Cyclic
redundancy
checking bit 1
Cyclic
redundancy
checking bit 0
Table 220. DSR2 (0x22) LSB description
Bit
Name
Description
7
TSD_CL2
6
TSD_CL1
5
TSD_CL0 Central thermal shutdown
4
TSD
Thermal shutdown was reached (Logical or combination of all TSD_CLx, see status register DSR6)
This bit cannot be cleared directly. It is reset if the corresponding TSD_CLx bits in SR6 are cleared
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 221. DSR3 (0x23) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
LBIST_STOPPED
BUCK3_INT_FAIL
BUCK2_INT_FAIL
BUCK1_INT_FAIL
LBIST_ERROR_1
LBIST_ERROR_0
ABIST_ERROR
Reserved
LBIST stopped bit
BUCK3 interrupt fail bit
BUCK2 interrupt fail bit
BUCK31 interrupt fail bit
Logic BIST error bit 1
Logic BIST error bit 0
Analog bist error bit
Table 222. DSR3 (0x23) MSB description
Bit
Name
Description
23
RES
Reserved
22
LBIST_STOPPED
1: Indicates that LBIST has been stopped due to fault events
21
BUCK3_INT_FAIL
BUCK3 internal fail that may be caused by LDO_BUCK3_OV or LDO_Buck3_UV
1: Indicates that an internal occurs on BUCK3
Bit is latched until a “read and clear” command
20
BUCK2_INT_FAIL
BUCK2 internal fail that may be caused by LDO_BUCK2_OV or LDO_BUCK2_UV
SPSB100
SPI registers
DS14640 - Rev 1
page 167/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com