Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 169 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 165Page - STMicroelectronics SPSB100 Datasheet HTML 166Page - STMicroelectronics SPSB100 Datasheet HTML 167Page - STMicroelectronics SPSB100 Datasheet HTML 168Page - STMicroelectronics SPSB100 Datasheet HTML 169Page - STMicroelectronics SPSB100 Datasheet HTML 170Page - STMicroelectronics SPSB100 Datasheet HTML 171Page - STMicroelectronics SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 214 page
background image
Table 226. DSR3 (0x33) LSB description
Bit
Name
Description
7
GNDLOSS
1: Digital or analog central ground loss detected
0: No error
6
OSC_ERROR
1: The oscillator monitor reported an error
0: No error reported
5
SPI_REG_COMP_ERROR
1: The SPI safety registers monitor reported an error
0: No error reported
4
FSM_COMP_ERROR
1: The Main finite state machine monitor reported an error
0: No error reported
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 227. DSR4 (0x24) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
RES
SPI_ALL_WAKEUP_DISABLE
SPI_CLK_CNT
SPI_CSN_TIMEOUT
SPI_CRC_ERR
SPI_SDI_STUCK_HIGH
SPI_SDI_STUCK_LOW
SPI_UNDEF_ADD
Reserved
SPI all wake up disable bit
SPI clock counter bit
SPI CSN timeout bit
SPI CRC error bit
SPI SDI Stuck high bit
SPI SDI Stuck Low bit
SPI undefined address bit
Table 228. DSR4 (0x24) MSB description
Bit
Name
Description
23
RES
Reserved
22 SPI_ALL_WAKEUP_DISABLE
SPI tentative occurs to disable all wake up sources.
This tentative for last wake up disable has not been performed
21
SPI_CLK_CNT
SPI clock counter
1: Indicates an SPI frame with the wrong number of CLK cycles was detected bit is
latched until a valid SPI frame
20
SPI_CSN_TIMEOUT
1: SPI CSN time-out error detected
19
SPI_CRC_ERR
1: SPI CRC error detected
18
SPI_SDI_STUCK_HIGH
1: SPI SDI stuck at high level
17
SPI_SDI_STUCK_LOW
1: SPI SDI stuck at low level
16
SPI_UNDEF_ADD
1: SPI access to undefined address
Table 229. DSR4 (0x24)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
SPI_STATUS_WRT
SPI_LBISTED
FBB_OV_EW
FBB_UV_EW
VS_UV_EW
RES
TW_CL4
TW_CL3
SPI status write bit
SPI LBIST test
bit
FBB
overvoltage
early warning
bit
FBB
undervoltage
early warning
bit
VS
undervoltage
early warning
bit
Reserved
bit
Thermal
warning of
cluster 4
bit
Thermal
warning of
cluster 3
bit
SPSB100
SPI registers
DS14640 - Rev 1
page 169/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com