Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 179 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 175Page - STMicroelectronics SPSB100 Datasheet HTML 176Page - STMicroelectronics SPSB100 Datasheet HTML 177Page - STMicroelectronics SPSB100 Datasheet HTML 178Page - STMicroelectronics SPSB100 Datasheet HTML 179Page - STMicroelectronics SPSB100 Datasheet HTML 180Page - STMicroelectronics SPSB100 Datasheet HTML 181Page - STMicroelectronics SPSB100 Datasheet HTML 182Page - STMicroelectronics SPSB100 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 214 page
background image
Bit
Name
Description
17
RES
Reserved
16
RES
Reserved
Table 260. DSR9 (0x29)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R0)
- (R0)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
TEMP_CL0_9
TEMP_CL0_8
TEMP_CL0_7
TEMP_CL0_6
TEMP_CL0_5
TEMP_CL0_4
Reserved Reserved
Temperature
central cluster
bit 9
Temperature
central cluster
bit 8
Temperature
central cluster
bit 7
Temperature
central cluster
bit 6
Temperature
central cluster
bit 5
Temperature
central cluster
bit 4
Table 261. DSR9 (0x29) description
Bit
Name
Description
15
RES
Reserved
14
RES
Reserved
13
TEMP_CL0_9
Temperature cluster
0: Central cluster
Bits cannot be cleared
(a clear command generates a SPI_UNDEF_ADD flag)
12
TEMP_CL0_8
11
TEMP_CL0_7
10
TEMP_CL0_6
9
TEMP_CL0_5
8
TEMP_CL0_4
Table 262. DSR9 (0x29) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TEMP_CL0_3
TEMP_CL0_2
TEMP_CL0_1
TEMP_CL0_0
CRC3
CRC2
CRC1
CRC0
Temperature
central cluster
bit 3
Temperature
central cluster
bit 2
Temperature
central cluster
bit 1
Temperature
central cluster
bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 263. DSR9 (0x29) LSB description
Bit
Name
Description
7
TEMP_CL0_3
6
TEMP_CL0_2
5
TEMP_CL0_1
4
TEMP_CL0_0
3
CRC 3
2
CRC 2
1
CRC 1
SPSB100
SPI registers
DS14640 - Rev 1
page 179/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com