Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 181 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 177Page - STMicroelectronics SPSB100 Datasheet HTML 178Page - STMicroelectronics SPSB100 Datasheet HTML 179Page - STMicroelectronics SPSB100 Datasheet HTML 180Page - STMicroelectronics SPSB100 Datasheet HTML 181Page - STMicroelectronics SPSB100 Datasheet HTML 182Page - STMicroelectronics SPSB100 Datasheet HTML 183Page - STMicroelectronics SPSB100 Datasheet HTML 184Page - STMicroelectronics SPSB100 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 214 page
background image
Table 268. DSR10 (0x2A) LSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0 (R)
0 (R)
0 (R)
0 (R)
0 (RC1L)
0 (RC1L)
0 (RC1L)
0 (RC1L)
TEMP_CL1_3
TEMP_CL1_2
TEMP_CL1_1
TEMP_CL1_0
CRC3
CRC2
CRC1
CRC0
Temperature
cluster 1 bit 3
Temperature
cluster 1 bit 2
Temperature
cluster 1 bit 1
Temperature
cluster 1 bit 0
Cyclic
redundancy
checking bit
3
Cyclic
redundancy
checking bit
2
Cyclic
redundancy
checking bit
1
Cyclic
redundancy
checking bit
0
Table 269. DSR10 (0x2A) LSB description
Bit
Name
Description
7
TEMP_CL1_3
6
TEMP_CL1_2
5
TEMP_CL1_1
4
TEMP_CL1_0
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 270. DSR11 (0x2B) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
- (R0)
RES
RES
RES
RES
RES
RES
RES
RES
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Table 271. DSR11 (0x2B) MSB description
Bit
Name
Description
23
RES
Reserved
22
RES
Reserved
21
RES
Reserved
20
RES
Reserved
19
RES
Reserved
18
RES
Reserved
17
RES
Reserved
16
RES
Reserved
Table 272. DSR11 (0x2B)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
- (R0)
- (R0)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
RES
TEMP_CL2_9
TEMP_CL2_8
TEMP_CL2_7
TEMP_CL2_6
TEMP_CL2_5
TEMP_CL2_4
Reserved Reserved
Temperature
cluster 2 bit 9
Temperature
cluster 2 bit 8
Temperature
cluster 2 bit 7
Temperature
cluster 2 bit 6
Temperature
cluster 2 bit 5
Temperature
cluster 2 bit 4
SPSB100
SPI registers
DS14640 - Rev 1
page 181/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com