Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 4Page - NXP Semiconductors TDA9321 Datasheet HTML 5Page - NXP Semiconductors TDA9321 Datasheet HTML 6Page - NXP Semiconductors TDA9321 Datasheet HTML 7Page - NXP Semiconductors TDA9321 Datasheet HTML 8Page - NXP Semiconductors TDA9321 Datasheet HTML 9Page - NXP Semiconductors TDA9321 Datasheet HTML 10Page - NXP Semiconductors TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1998 Dec 16
8
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Video switches
The circuit has 3 CVBS inputs (1 internal and 2 externals)
and 2 Y/C inputs. The Y/C inputs can also be used as
additional CVBS inputs. The switch configuration is given
in Fig.3. The various sources can be selected via the
I2C-bus.
The circuit can be set in a mode in which it automatically
detects whether a CVBS or a Y/C signal is supplied to the
Y/C inputs. In this mode the TV-standard identification first
takes place on the added Y/CVBS and the C input signal.
Then both chrominance input signal amplitudes are
checked once and the input signal with the highest burst
signal amplitude is selected. The result of the detection
can be read via the I2C-bus.
The IC has 2 inputs (AV1 and AV2) which can be used to
read the status levels of pin 8 of the SCART plug.
The information is available in the output status byte 02 in
bits D0 to D3.
The 3 outputs of the video switches (CVBSCF, CVBSTXT
and CVBSPIP) can be independently switched to the
various input signals. The names are just arbitrary and it is,
for instance, possible to use the CVBSCF signal to drive
the comb filter and the teletext decoder in parallel and to
supply the CVBSTXT signal to the SCART plug (via an
emitter follower).
For comb filter interfacing the circuit has the CVBSCF
output, a 3rd Y/C input, a reference signal output REFO
and 2 control pins (SYS1 and SYS2) which switch the
comb filter to the standard of the incoming signal (as
detected by the ident circuit of the colour decoder). When
a signal is recognized which can be combed and the comb
filter is enabled by bit ECMB the Y/C signals coming from
the comb filter are automatically selected. This is indicated
via bit CMB in output status byte 02 (D5). For signals
which cannot be combed (such as SECAM or
black-to-white signals) the Y/C signals coming from the
comb filter are not selected.
Chrominance and luminance processing
The circuits contain a chrominance band-pass, a SECAM
cloche filter and a chrominance trap circuit. The filters are
realized by means of gyrator circuits and they are
automatically calibrated by comparing the tuning
frequency with the crystal frequency of the decoder.
The luminance delay line is also realized by means of
gyrator circuits. The centre frequency of the chrominance
band-pass filter is switchable via the I2C-bus so that the
performance can be optimized for ‘front-end’ signals and
external CVBS signals.
The luminance output signal which is derived from the
incoming CVBS or Y/C signal can be varied in amplitude
by means of a separate gain setting control via the I2C-bus
control bits GAI1 and GAI0. The gain variation which can
be realized with these bits is
−1to+2dB.
Colour decoder
The colour decoder can decode PAL, NTSC and SECAM
signals. The PAL/NTSC decoder contains an
alignment-free crystal oscillator with 4 separate pins for
crystal connection, a killer circuit and two colour difference
demodulators. The 90
° phase shift for the reference signal
is produced internally.
Because it is possible to connect 4 different crystals to the
colour decoder, all colour standards can be decoded
without external switching circuits. Which crystals are
connected to the decoder must be indicated via the
I2C-bus. The crystal connection pins which are not used
must be left open-circuit.
The horizontal oscillator is calibrated by means of the
crystal frequency of the colour PLL. For a reliable
calibration it is very important that the crystal indication
bits XA to XD are not corrupted. For this reason
bits XA to XD can be read in the output bytes so that the
software can check the I2C-bus transmission.
The IC contains an Automatic Colour Limiting (ACL) circuit
which is switchable via the I2C-bus and prevents
oversaturation occuring when signals with a high
chrominance-to-burst ratio are received. The ACL circuit is
designed such that it only reduces the chrominance signal
and not the burst signal. This has the advantage that the
colour sensitivity is not affected by this function. The ACL
function is mainly intended for NTSC signals but it can also
be used for PAL signals. For SECAM signals the ACL
function should be switched off.
The SECAM decoder contains an auto-calibrating PLL
demodulator which has two references: the 4.43 MHz
subcarrier frequency which is obtained from the crystal
oscillator which is used to tune the PLL to the desired
free-running frequency and the band gap reference to
obtain the correct absolute value of the output signal.
The VCO of the PLL is calibrated during each vertical
blanking period, when the IC is in search or SECAM mode.
The circuit can also decode the PALplus helper signal and
can insert the various reference signals: set-ups and
timing signals which are required for the PALplus decoder
ICs.
The baseband delay line (TDA4665 function) is integrated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com