Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 9Page - NXP Semiconductors TDA9321 Datasheet HTML 10Page - NXP Semiconductors TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1998 Dec 16
13
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Table 15 Phase 1 (
ϕ1) time constant; see also Table 57
Table 16 Video ident mode
Table 17 Synchronization mode
Table 18 Video ident mode
FOA
FOB
MODE
0
0
normal
0
1
slow
1
0
slow or fast
1
1
fast
VIM
MODE
0
ident coupled to internal CVBS (pin 14)
1
ident coupled to selected CVBS
POC
MODE
0
active
1
not active
VID
VIDEO IDENT MODE
0
ϕ
1 loop switched-on and off
1
not active
Table 19 Blanked sync on pin YO
Note
1. Except for PALplus with black set-up.
Table 20 Condition of horizontal output
Table 21 Enable ‘Macrovision/subtitle’ gating
Table 22 Vertical divider mode
BSY
CONDITIONS
0
unblanked sync; note 1
1
blanked sync
HO
CONDITIONS
0
clamp pulse available on pin HA/CLP
1
horizontal pulse available on pin HA/CLP
EMG
MODE
0
disable gating
1
enable gating
NCIN
VERTICAL DIVIDER MODE
0
normal operation
1
switched to search window
Table 23 Video switch control
ECMB(1)
DEC3
DEC2
DEC1
DEC0
SELECTED SIGNAL
SIGNAL TO COMB
0000
X(2)
CVBSint
CVBSint
00010
CVBS1
CVBS1
00011
CVBS2
CVBS2
00100
CVBS3
CVBS3
00101
Y3/C3
Y3 + C3
00110
CVBS4
CVBS4
00111
Y4/C4
Y4 + C4
01100
AUTO Y3/C3; note 3
CVBS3 or Y3 + C3
01110
AUTO Y4/C4; note 3
CVBS4 or Y4 + C4
1000
X(2)
YCF/CCF
CVBSint
10010
YCF/CCF
CVBS1
10011
YCF/CCF
CVBS2
10100
YCF/CCF
CVBS3
10110
YCF/CCF
CVBS4
11100
AUTO COMB3; note 4
CVBS3 or Y3 + C3
11110
AUTO COMB4; note 4
CVBS4 or Y4 + C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com