Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 7Page - NXP Semiconductors TDA9321 Datasheet HTML 8Page - NXP Semiconductors TDA9321 Datasheet HTML 9Page - NXP Semiconductors TDA9321 Datasheet HTML 10Page - NXP Semiconductors TDA9321 Datasheet HTML 11Page - NXP Semiconductors TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1998 Dec 16
11
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Inputs and outputs
Table 2
Input status bits
FUNCTION
SUBADDRESS
(HEX)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Colour decoder 0
00
CM3
CM2
CM1
CM0
XD
XC
XB
XA
Colour decoder 1
01
MACP
HOB
HBC
HD
FCO
ACL
CB
BPS
Luminance
02
0
0
GAI1
GAI0
YD3
YD2
YD1
YD0
Hue control
03
0
0
A5
A4
A3
A2
A1
A0
Spare
04
0
0
0
0
0
0
0
0
Synchronization 0
05
FORF
FORS
FOA
FOB
0
VIM
POC
VID
Synchronization 1
06
0
0
0
0
BSY
HO
EMG
NCIN
Spare
07
0
0
0
0
0
0
0
0
Video switches 0
08
0
0
0
ECMB
DEC3
DEC2
DEC1
DEC0
Video switches 1
09
0
PIP2
PIP1
PIP0
0
TXT2
TXT1
TXT0
RGB switch
0A
0
0
0
0
YUV
ECL
IE2
IE1
Output switches
0B
0
0
0
0
0
0
OS1
OS0
Vision IF
0C
FFI
IFO
GD
MOD
AFW
IFS
STM
VSW
Tuner takeover
0D
0
0
A5
A4
A3
A2
A1
A0
Adjustment IF-PLL
0E
L’FA
A6
A5
A4
A3
A2
A1
A0
INPUT CONTROL BITS
Table 3
Colour decoder mode
CM3 CM2 CM1 CM0
DECODER MODE
XTAL
0
0
0
0
PAL/NTSC/SECAM
A
0
0
0
1
PAL/NTSC
A
001
0
PAL
A
0
0
1
1
NTSC
A
0
1
0
0
SECAM
A
0
1
0
1
PAL/NTSC
B
011
0
PAL
B
0
1
1
1
NTSC
B
1
0
0
0
PAL/NTSC/SECAM A/B/C/D
1
0
0
1
PAL/NTSC
C
101
0
PAL
C
1
0
1
1
NTSC
C
1
1
0
0
PAL/NTSC
A/B/C/D
1
1
0
1
PAL/NTSC
D
111
0
PAL
D
1
1
1
1
NTSC
D
Table 4
Crystal indication
Note
1. When a comb filter is used, the various crystals must
be connected to the IC as indicated in the pinning
diagram. This is required because the ident system
switches automatically to the comb filter when a signal
is identified which can be combed (correct
combination of colour standard and crystal frequency).
For applications without comb filter only the crystal on
pin XTALA is important (4.43 MHz); to pins XTALB to
XTALD an arbitrary 3.5 MHz crystal can be connected.
XA to XD
CONDITION
0
crystal not present
1
crystal present; note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com