Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1998 Dec 16
21
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
QSS AND AM SOUND OUTPUT (PIN QSS/AM)
General
Ro
output resistance
−−
250
Ω
VO
DC output voltage
−
3.3
−
V
Ibias(int)
internal bias current of emitter
follower
0.7
1.0
−
mA
Isink(max)
maximum AC and DC sink
current
−
0.7
−
mA
Isource(max)
maximum AC and DC source
current
−
2.0
−
mA
QSS output signal
Vo(rms)
output signal amplitude
(RMS value)
SC1 on; SC2 off
75
100
125
mV
B−3dB
−3 dB bandwidth
7.5
9
−
MHz
∆V
r(SC)(rms)
residual IF sound carrier
(RMS value)
−
2
−
mV
S/NW
weighted signal-to-noise ratio
(SC1/SC2)
ratio of PC/SC1 at
VIF input of 40 dB or
higher; note 16
black picture
53/48
58/55
−
dB
white picture
52/47
55/53
−
dB
6 kHz sine wave
(black-to-white
modulation)
44/42
48/46
−
dB
250 kHz sine wave
(black-to-white
modulation)
44/25
48/30
−
dB
SC subharmonics
(f = 2.75 MHz
±3 kHz)
45/44
51/50
−
dB
SC subharmonics
(f = 2.87 MHz
±3 kHz)
46/45
52/51
−
dB
AM output signal
Vo(rms)
output signal amplitude
(RMS value)
54% modulation
400
500
600
mV
THD
total harmonic distortion
−
0.5
1.0
%
B−3dB
−3 dB bandwidth
100
125
−
kHz
S/NW
weighted signal-to-noise ratio
47
53
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com