Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors TDA9321 Datasheet HTML 29Page - NXP Semiconductors TDA9321 Datasheet HTML 30Page - NXP Semiconductors TDA9321 Datasheet HTML 31Page - NXP Semiconductors TDA9321 Datasheet HTML 32Page - NXP Semiconductors TDA9321 Datasheet HTML 33Page - NXP Semiconductors TDA9321 Datasheet HTML 34Page - NXP Semiconductors TDA9321 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
1998 Dec 16
31
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Notes to the characteristics
1. The two supply pins VP1 and VP2 must be decoupled separately but they must be connected to a single power supply
to avoid too big differences between them.
2. On set AGC.
3. This parameter is not tested during production and is just given as application information for the designer of the
television receiver.
4. Loop filter bandwidth Blpf = 60 kHz (natural frequency fn = 15 kHz; damping factor d = 2; calculated with top sync
level as fPLL input signal level). LC-VCO circuit between pins 7 and 8: Q0 = 60; Cint = 30 pF.
5. The optimum temperature stability of the PLL can be obtained when a TOKO coil as given in Table 55 is applied.
6. This parameter is not tested during production but is guaranteed by the design and qualified by means of matrix
batches which are made in the pilot production period.
7. Measured at 10 mV (RMS value) top sync input signal.
8. So called projected zero point, i.e. with switched demodulator.
9. Measured in accordance with the test line given in Fig.5. For the differential phase test the peak white setting is
reduced to 87%.
The differential gain is expressed as a percentage of the difference in peak amplitudes between the largest and
smallest value relative to the subcarrier amplitude at blanking level.
The differential phase is defined as the difference in degrees between the largest and smallest phase angle.
10. This figure is valid for the complete video signal amplitude (peak white-to-black). See Fig.6.
11. The noise inverter is only active in the ‘strong signal mode’ (no noise detected in the incoming signal).
td
delay between mid sync of input
and start of clamping pulse
note 30
3.0
3.2
3.4
µs
I2C-BUS CONTROL
SCL AND SDA INPUTS/OUTPUTS (PINS SCL AND SDA)
Vi
input voltage range
0
−
5.5
V
VIL
LOW-level input voltage
−−
1.5
V
VIH
HIGH-level input voltage
3.5
−−
V
IIL
LOW-level input current
VIL =0V
−−
−10
µA
IIH
HIGH-level input current
VIH = 5.5 V
−−
10
µA
VOL(SDA)
LOW-level output voltage on
pin SDA
IOL(SDA) =3mA
−−
0.4
V
SW0 AND SW1 OUTPUTS (PINS SW0 AND SW1); note 36
VOH
HIGH-level output voltage
4.0
5.0
5.5
V
VOL
LOW-level output voltage
−
0.2
0.4
V
IO(sink)
output sink current
2
−−
mA
IO(source)
output source current
2
−−
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com