Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors TDA9321 Datasheet HTML 29Page - NXP Semiconductors TDA9321 Datasheet HTML 30Page - NXP Semiconductors TDA9321 Datasheet HTML 31Page - NXP Semiconductors TDA9321 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1998 Dec 16
28
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Zo
output impedance
−−
250
Ω
VO
output DC voltage level
black level
2.8
3.0
3.2
V
BRGB(−3dB)
−3 dB bandwidth of the RGB
switch circuit
7
−−
MHz
S/N
signal-to-noise ratio
fi = 0 to 5 MHz
−
52
−
dB
Vsu(bl)
black set-up amplitude
bit MACP = 1 or
bit HD = 1
190
200
210
mV
tW(su)(bl)
black set-up pulse width
−
52.8
−µs
td
delay between mid sync at input
and black set-up
note 30
−
8.8
−µs
Voffset
offset voltage
Ybl to re-inserted black
−−
10
mV
G(Y/CVBS-YO)
gain from internal Y/CVBS
to YO
1.35
1.43
1.50
bit MACP = 1 or
bit HD = 1
1.08
1.14
1.20
UO AND VO SIGNAL OUTPUTS (PINS UO AND VO)
Vo(VO)(p-p)
output voltage on pin VO
(peak-to-peak value)
standard EBU colour bar
0.88
1.05
1.25
V
Vo(UO)(p-p)
output voltage on pin UO
(peak-to-peak value)
standard EBU colour bar
1.12
1.33
1.58
V
Zo
output impedance
−−
250
Ω
VO
output DC voltage level
2.2
2.4
2.6
V
∆V
bl(YUV-RGB)
difference in black level
between YUV and RGB mode
−−
10
mV
COLOUR MATRIX FROM RGB TO YUV
G
gain
from RI to YO
0.40
0.43
0.46
from GI to YO
0.79
0.84
0.90
from BI to YO
0.15
0.16
0.17
from RI to UO
0.40
0.43
0.46
from GI to UO
0.79
0.84
0.90
from BI to UO
1.19
1.27
1.35
from RI to VO
0.94
1.00
1.07
from GI to VO
0.79
0.84
0.90
from BI to VO
0.15
0.16
0.17
Horizontal and vertical synchronization
SYNC VIDEO INPUTS
Vsync
sync pulse amplitude
note 3
35
300
350
mV
SLhor
slicing level for horizontal sync
note 32
50
55
60
%
SLvert
slicing level for vertical sync
note 32
35
40
45
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com