Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1998 Dec 16
23
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Signal on pin CCF
Vi
input voltage
burst amplitude
−
0.3
1.0
V
Zi
input impedance
−
50
−
k
Ω
Reference signal output (pin REFO); note 20
Vo(p-p)
output signal amplitude
(peak-to-peak value)
CL = 15 pF
0.2
0.25
0.3
V
VO(en)
DC output level to enable
comb filter
4.0
4.2
4.6
V
VO(dis)
DC output level to disable
comb filter
−
0.1
1.4
V
Switching levels of SYS1 and SYS2 outputs (pins SYS1 and SYS2); note 21
VOH
HIGH-level output voltage
4.0
5.0
5.5
V
VOL
LOW-level output voltage
−
0.1
0.4
V
Io(sink)
output sink current
2
−−
mA
Io(source)
output source current
2
−−
mA
DETECTION OF STATUS LEVELS OF SCART PLUG PIN 8; note 22
Vdet(int-ext)
detection voltage between
internal and external (16 : 9)
source
2.0
2.2
2.4
V
Vdet(ext-ext)
detection voltage between
external (16 : 9) and external
(4 : 3) source
5.3
5.5
5.7
V
Ri
input resistance
60
100
−
k
Ω
Chrominance and luminance filters and delay lines
CHROMINANCE TRAP CIRCUIT; note 23
ftrap
trap frequency
fosc ±1%
MHz
during SECAM reception
4.3
±1.5%
MHz
B−3dB
−3 dB bandwidth
fSC = 3.58 MHz
2.6
2.8
3.0
MHz
fSC = 4.43 MHz
3.2
3.4
3.6
MHz
during SECAM reception
2.9
3.1
3.3
MHz
CSR
colour subcarrier rejection
26
−−
dB
CHROMINANCE BAND-PASS CIRCUIT
fc
centre frequency
bit CB = 0
−
fosc
−
MHz
bit CB = 1
−
1.1fosc
−
MHz
Qbp
band-pass quality factor
−
3
−
CLOCHE FILTER
fc
centre frequency
4.26
4.29
4.31
MHz
B
bandwidth
241
268
295
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com