Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1998 Dec 16
22
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Video switches and comb filter interface
VIDEO SWITCHES FOR CVBS, Y AND C SIGNALS
Signal on pins CVBSint, CVBS1, CVBS2, CVBS/Y3 and CVBS/Y4
Vi(n)(p-p)
input voltage
(peak-to-peak value)
note 17
−
1.0
1.43
V
Ii(n)
input current
−
4
−µA
Zsource(max)
maximum source impedance
−−
1.0
k
Ω
αsup(n)
suppression of non-selected
signals
fi = 0 to 5 MHz; note 6
50
−−
dB
Signal on pins C3 and C4
Vi(n)(p-p)
input voltage
(peak-to-peak value)
notes 3 and 18
−
0.3
1.0
V
Zi(n)
input impedance
−
50
−
k
Ω
Signal on pin CVBSTXT
Vo(p-p)
output signal amplitude
(peak-to-peak value)
1.6
2.0
2.4
V
Vbl
black level
−
2.6
−
V
∆V
bl/∆T
black level dependency with
temperature
−
4
−
mV/K
Zo
output impedance
−−
250
Ω
Signal on pin CVBSPIP
Vo(p-p)
output signal amplitude
(peak-to-peak value)
0.8
1.0
1.2
V
Vbl
black level
−
3.6
−
V
∆V
bl/∆T
black level dependency with
temperature
−
9
−
mV/K
Zo
output impedance
−−
250
Ω
COMB FILTER INTERFACE; note 19
Signal on pin CVBSCF
Vo(p-p)
output signal amplitude
(peak-to-peak value)
0.8
1.0
1.2
V
Zo
output impedance
−−
250
Ω
Vbl
black level
−
3.6
−
V
∆V
bl/∆T
black level dependency with
temperature
−
9
−
mV/K
Signal on pin YCF
Vi(p-p)
input voltage
(peak-to-peak value)
−
1.0
1.43
V
Ii
input current
−
4
−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com