Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors TDA9321 Datasheet HTML 29Page - NXP Semiconductors TDA9321 Datasheet HTML 30Page - NXP Semiconductors TDA9321 Datasheet HTML 31Page - NXP Semiconductors TDA9321 Datasheet HTML 32Page - NXP Semiconductors TDA9321 Datasheet HTML 33Page - NXP Semiconductors TDA9321 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1998 Dec 16
30
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
∆V(clamp)(n)
clamping offset between
pins UO and VO
−−
10
mV
Zi
input impedance
3
−−
M
Ω
VERTICAL OSCILLATOR; note 34
ffr
free-running frequency
50 Hz mode
−
50
−
Hz
60 Hz mode
−
60
−
Hz
flock
frequency locking range
45
−
64.5
Hz
D/D
divider ratio
not locked
−
625/525
−
lines
LR
locking range
488
−
722
lines/
frame
VERTICAL PULSE OUTPUT (PIN VA)
VOH
HIGH-level output voltage
Io(source) = 2 mA
4.0
5.0
5.5
V
VOL
LOW-level output voltage
Io(sink) =2mA
−
0.2
0.4
V
Io(sink)
output sink current
2
−−
mA
Io(source)
output source current
2
−−
mA
tW
pulse width
fVA =50Hz
−
2.5
−
lines
fVA =60Hz
−
3.0
−
lines
td
delay between start of vertical
sync of input and positive edge
of vertical pulse on pin VA
note 35
−
37.7
−µs
Zo
output impedance
bit ECL = 1
3
−−
M
Ω
SANDCASTLE OUTPUT (PIN SCO)
General
Vz
zero level voltage
0
0.5
1.0
V
Io(sink)
output sink current
−
0.5
−
mA
Horizontal/vertical blanking
Vo
output voltage level
2.2
2.5
2.8
V
Io(source)
output source current
−
0.7
−
mA
tW(h)
horizontal blanking pulse width
−
10
−µs
td
delay between start horizontal
blanking and start clamping
pulse
−
6.4
−µs
Clamping pulse
Vo
output voltage level
4.2
4.5
4.8
V
Io(source)
output source current
−
0.7
−
mA
tW
pulse width
−
3.6
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com