Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 12Page - NXP Semiconductors TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
1998 Dec 16
16
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Table 46 Colour decoder mode
Note
1. This mode is generated when trying (e.g. via software control) to force the decoder to a standard with a crystal which
is not connected to the IC.
CD3
CD2
CD1
CD0
STANDARD
XTAL
0000
no colour standard identified
A/B/C/D
0001
NTSC
A
0010
PAL
A
0011
NTSC
B
0100
PAL
B
0101
NTSC
C
0110
PAL
C
0111
NTSC
D
1000
PAL
D
1001
SECAM
A
1010
illegal forced mode; note 1
−
Table 47 Indication RGB1/RGB2 insertion
Table 48 Condition YCF/CCF inputs from comb filter
Table 49 Input signal condition; note 1
Note
1. During the search mode for the colour system, bit YC
will indicate logic 1.
Table 50 Condition of AV1 and AV2 inputs
IN1; IN2
RGB INSERTION
0
no insertion
1
full insertion
CMB
CONDITION YCF/CCF INPUTS
0
not selected
1
selected
YC
CONDITIONS
0
CVBS signal available
1
Y/C signal available
S1A;
S2A
S1B;
S2B
CONDITIONS
0
0
no external source
0
1
external source with 4 : 3 input signal
1
0
external source with 16 : 9 input signal
Table 51 Output video identification
Table 52 In-lock indication IF-PLL
Table 53 AFC output
IFI
VIDEO SIGNAL
0
no video signal identified
1
video signal identified
PL
CONDITIONS
0
PLL not locked
1
PLL locked
AFA
AFB
CONDITIONS
0
0
outside window; too low
0
1
outside window; too high
1
0
in window; below reference
1
1
in window; above reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com