Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 31Page - NXP Semiconductors TDA9321 Datasheet HTML 32Page - NXP Semiconductors TDA9321 Datasheet HTML 33Page - NXP Semiconductors TDA9321 Datasheet HTML 34Page - NXP Semiconductors TDA9321 Datasheet HTML 35Page - NXP Semiconductors TDA9321 Datasheet HTML 36Page - NXP Semiconductors TDA9321 Datasheet HTML 37Page - NXP Semiconductors TDA9321 Datasheet HTML 38Page - NXP Semiconductors TDA9321 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
1998 Dec 16
35
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Table 55 Coil data for the VIF-PLL demodulator (approximated coil values)
Table 56 Switching conditions of pins SYS1 and SYS2
Table 57 Output current of the phase detector in the various conditions
Note
1. When the Macrovision is active a gating is present during a part of the vertical retrace, pulse width 22
µs. In the other
gating conditions the pulse width is 5.7
µs and the gating is continuous.
fVIF
(MHz)
fVCO
(MHz)
L
(nH)
TOKO SAMPLE NUMBER
REMARKS
38.9
77.8
150
P369INAS-159HM
∅ 5 mm; 5 km long; TC = 30 ±100 ppm/°C
45.75
91.5
100
P369INAS-160HM
58.75
117.5
70
P369INAS-161HM
COLOUR STANDARD
SYS1
SYS2
ACTIVE CRYSTAL
PAL-M
LOW
LOW
C
PAL-B, G, H, D and I
LOW
HIGH
A
NTSC-M
HIGH
LOW
D
PAL-N
HIGH
HIGH
B
I2C-BUS COMMANDS
IC CONDITIONS
ϕ-1 CURRENT/MODE
VID
POC
FOA
FOB
IDENT
COIN
NOISE
SCAN
V-RETR
GATING
MODE
−
0
0
0
yes
yes
no
180
270
no(1)
auto
−
0
0
0
yes
yes
yes
30
30
yes
auto
−
0
0
0
yes
no
−
180
270
no
auto
−
0
0
1
yes
yes
−
30
30
yes
slow
−
0
0
1
yes
no
−
180
270
no
slow
−
0
1
0
yes
yes
no
180
270
yes
fast
−
0
1
0
yes
yes
yes
30
30
yes
slow
−−
11
−−−
180
270
no
fast
00
−−
no
−−
6
6
no
OSD
−
1
−
−
−−−
−
−
−
off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com