Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
1998 Dec 16
24
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Y-DELAY LINE
td
delay time
bits YD3 to YD0 = 1011;
note 6
crystal A
490
520
550
ns
crystal B, C or D
530
560
590
ns
td(tr)
tuning range delay time
with respect to
520/560 ns; 12 settings;
see Table 13
−280
−
+160
ns
B
bandwidth
note 6
8
−−
MHz
GROUP DELAY CORRECTION (PINS GDI AND GDO); note 24
Vi(GDI)(p-p)
input signal amplitude on
pin GDI (peak-to-peak value)
−
2.0
−
V
Ii(GDI)
input current on pin GDI
−
0.1
1.0
µA
Vo(GDO)(p-p)
output signal amplitude on
pin GDO (peak-to-peak value)
1.8
2.0
2.2
V
Vo(GDO)
output top-sync level on
pin GDO
−
2.4
−
V
∆Vo(GDO)/∆T
top-sync level on pin GDO
variation with temperature
−
5
−
mV/K
Zo(GDO)
output impedance on pin GDO
−−
250
Ω
Colour demodulation part
CHROMINANCE AMPLIFIER
CRACC
ACC control range
note 25
26
−−
dB
∆V
o(CRACC)
change in amplitude of the
output signals over CRACC
−−
2dB
THck(on)
threshold colour killer ON
colour killer from
OFF to ON
−40
−−35
dB
hysck(off)
hysteresis colour killer OFF
note 6
strong signal;
S/N
≥ 40 dB
−
3
−
dB
noisy input signals
−
1
−
dB
ACL CIRCUIT; note 26
C/CACL
ACL chrominance burst ratio
when the ACL starts to
operate
−
3.0
−
REFERENCE PART
Phase-locked loop; note 27
fcr
catching range
±360
±600
−
Hz
∆ϕ
phase shift
for a
±400 Hz deviation of
the oscillator frequency;
note 6
−−
2
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com