Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
1998 Dec 16
20
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Tuner takeover point adjustment (via I2C-bus)
Vstrt(min)(rms)
minimum start level
(RMS value)
−
0.4
0.8
mV
Vstrt(max)(rms)
maximum start level
(RMS value)
100
150
−
mV
∆V
max/T
maximum variation with
temperature
Tamb = 0to70 °C
−
68dB
Tuner control output (pin TAGC)
Vo(max)
maximum output voltage
maximum tuner gain;
note 3
−−
9V
Vo(sat)
output saturation voltage
minimum tuner gain;
Io =2mA
−−
300
mV
Io(max)
maximum output current swing
5
−−
mA
IL
leakage current
for RF AGC
−−
1
µA
∆V
i
input signal variation
for complete tuner control 0.5
2
4
dB
AFC OUTPUT (VIA I2C-BUS); note 15
RESAFC
AFC resolution
−
2
−
bits
∆f
w
window sensitivity
normal window mode
65
80
100
kHz
enlarged window mode
195
240
300
kHz
VIDEO IDENTIFICATION OUTPUT (VIA I2C-BUS)
td
delay time
for identification after the
AGC has stabilized on a
new transmitter
−−
10
ms
Sound IF circuit
SOUND IF AMPLIFIER (PINS SIF1 AND SIF2)
Vi(rms)
input sensitivity (RMS value)
FM mode (
−3 dB)
−
30
70
µV
AM mode (
−3 dB)
−
70
100
µV
Vi(max)(rms)
maximum input signal
(RMS value)
FM mode
50
70
−
mV
AM mode
80
140
−
mV
Ri(dif)
differential input resistance
note 3
−
2
−
k
Ω
Ci(dif)
differential input capacitance
note 3
−
3
−
pF
∆G
v
voltage gain control range
64
−−
dB
α
ct(SIF-VIF)
crosstalk between inputs SIF
and VIF
50
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com