Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9321 Datasheet HTML 1Page - NXP Semiconductors TDA9321 Datasheet HTML 2Page - NXP Semiconductors TDA9321 Datasheet HTML 3Page - NXP Semiconductors TDA9321 Datasheet HTML 4Page - NXP Semiconductors TDA9321 Datasheet HTML 5Page - NXP Semiconductors TDA9321 Datasheet HTML 6Page - NXP Semiconductors TDA9321 Datasheet HTML 7Page - NXP Semiconductors TDA9321 Datasheet HTML 8Page - NXP Semiconductors TDA9321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1998 Dec 16
2
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
FEATURES
• Multistandard Vision IF (VIF) circuit with Phase-Locked
Loop (PLL) demodulator
• Sound IF (SIF) amplifier with separate input for single
reference Quasi Split Sound (QSS) mode and separate
Automatic Gain Control (AGC) circuit
• AM demodulator without extra reference circuit
• Switchable group delay correction circuit which can be
used to compensate the group delay pre-correction of
the B/G TV standard in multistandard TV receivers
• Several (I2C-bus controlled) switch outputs which can
be used to switch external circuits such as sound traps,
etc.
• Flexible source selection circuit with 2 external
CVBS inputs, 2 Luminance (Y) and Chrominance (C)
(or additional CVBS) inputs and 2 independently
switchable outputs
• Comb filter interface with CVBS output and Y/C input
• Integrated chrominance trap circuit
• Integrated luminance delay line with adjustable delay
time
• Integrated chrominance band-pass filter with switchable
centre frequency
• Multistandard colour decoder with 4 separate pins for
crystal connection and automatic search system
• PALplus helper demodulator
• Possible blanking of the helper signals for PALplus and
EDTV-2
• Internal baseband delay line
• Two linear RGB inputs with fast blanking; the
RGB signals are converted to YUV signals before they
are supplied to the outputs; one of the RGB inputs can
also be used as YUV input
• Horizontal synchronization circuit with switchable time
constant for the PLL and Macrovision/subtitle gating
• Horizontal synchronization pulse output or clamping
pulse input/output
• Vertical count-down circuit
• Vertical synchronization pulse output
• Two-level sandcastle pulse output
• I2C-bus control of various functions
• Low dissipation.
GENERAL DESCRIPTION
The TDA9321H (see Fig.1) is an input processor for
‘High-end’ television receivers. It contains the following
functions:
• Multistandard IF amplifier with PLL demodulator
• QSS-IF amplifier and AM sound demodulator
• CVBS and Y/C switch with various inputs and outputs
• Multistandard colour decoder which can also decode the
PALplus helper signal
• Integrated baseband delay line (64 µs)
• Sync processor which generates the horizontal and
vertical drive pulses for the feature box
(100 Hz applications) or display processor
(50 Hz applications).
The supply voltage for the TDA9321H is 8 V.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9321H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com