Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 13Page - NXP Semiconductors TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1998 Dec 16
17
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Table 54 IC version indication
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. All pins are protected against ESD by means of internal clamping diodes.
2. Human Body Model (HBM): R = 1.5 k
Ω; C = 100 pF.
3. Machine Model (MM): R = 0
Ω; C = 200 pF.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
Quality specification in accordance with
“SNW-FQ-611E”.
Latch-up performance
At an ambient temperature of 70
°C all pins meet the following specification:
• Positive stress test: I
trigger ≥ 100 mA or Vpin ≥ 1.5 × VP(max)
• Negative stress test: Itrigger ≤−100 mA or Vpin ≤−0.5 × VP(max).
ID3
ID2
ID1
ID0
IC TYPE
0001
TDA9321HN1
1001
TDA9321HN2
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage on pins VP1 and VP2
−
9.0
V
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−25
+70
°C
Tsld
soldering temperature
for 5 s
−
260
°C
Tj
junction temperature
−
150
°C
Ves
electrostatic handling on all pins
notes 1 and 2
−3000
+3000
V
notes 1 and 3
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
50
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com