Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 14Page - NXP Semiconductors TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
1998 Dec 16
18
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
CHARACTERISTICS
VP =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pins VP1 and VP2); note 1
VP
supply voltage
(pins VP1 and VP2)
7.2
8.0
8.8
V
IP
supply current
(pins VP1 and VP2)
−
120
140
mA
Ptot
total power dissipation
−
960
−
mW
Vision IF circuit
VISION IF AMPLIFIER INPUTS (PINS VIF1 AND VIF2)
Vi(rms)
input sensitivity (RMS value)
note 2
fi(VIF) = 38.90 MHz
−
35
100
µV
fi(VIF) = 45.75 MHz
−
35
100
µV
fi(VIF) = 58.75 MHz
−
40
100
µV
Vi(max)(rms)
maximum input signal
(RMS value)
150
200
−
mV
Ri(dif)
differential input resistance
note 3
−
2
−
k
Ω
Ci(dif)
differential input capacitance
note 3
−
3
−
pF
∆G
v
voltage gain control range
70
75
80
dB
PLL DEMODULATOR (PLL FILTER ON PIN VIFPLL); note 4
fPLL
PLL frequency range
32
−
60
MHz
fcr(PLL)
PLL catching range
2.0
2.7
3.3
MHz
tacq(PLL)
PLL acquisition time
−−
20
ms
∆f
VCO/∆T
VCO frequency dependency
with temperature
notes 5 and 6
−−
±20 × 10−6 K−1
ftune(VCO)
VCO tuning frequency range
via I2C-bus
3.0
3.7
4.2
MHz
∆f
DAC
frequency variation per step of
the DAC (A0 to A6)
23
29
33
kHz
fshift
frequency shift
with bit L’FA
−
5.5
−
MHz
VIDEO AMPLIFIER OUTPUT (PIN VIFO); note 7
Vo(z)
zero signal output level
note 8
negative modulation
4.6
4.7
4.8
V
positive modulation
1.9
2.0
2.1
V
Vo(ts)
top-sync level
negative modulation
1.9
2.0
2.1
V
Vo(w)
white level
positive modulation
4.4
4.5
4.6
V
∆Vo
difference in amplitude
between negative and positive
modulation
−
015
%
Zo(v)
video output impedance
−
50
−Ω
Ibias(int)
internal bias current of NPN
emitter follower output transistor
1.0
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com