Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 15Page - NXP Semiconductors TDA9321 Datasheet HTML 16Page - NXP Semiconductors TDA9321 Datasheet HTML 17Page - NXP Semiconductors TDA9321 Datasheet HTML 18Page - NXP Semiconductors TDA9321 Datasheet HTML 19Page - NXP Semiconductors TDA9321 Datasheet HTML 20Page - NXP Semiconductors TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
1998 Dec 16
19
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Isource(max)
maximum source current
−−
5mA
Bv(−3dB)
−3 dB bandwidth of
demodulated output signal
6
8
10
MHz
Gdif
differential gain
note 9
−−
1.5
%
ϕ
dif
differential phase
notes 6 and 9
−−
2.5
deg
NLvid
video non-linearity
note 10
−
2.5
5
%
Vclamp
white spot clamping level
−
6.0
−
V
Nclamp
noise inverter clamping level
note 11
−
1.5
−
V
Nins
noise inverter insertion level
(identical to black level)
note 11
−
2.7
−
V
dblue
intermodulation at ‘blue’
notes 6 and 12
f = 0.92 or 1.1 MHz
60
66
−
dB
f = 2.66 or 3.3 MHz
60
66
−
dB
dyellow
intermodulation at ‘yellow’
notes 6 and 12
f = 0.92 or 1.1 MHz
56
62
−
dB
f = 2.66 or 3.3 MHz
60
66
−
dB
S/NW
weighted signal-to-noise ratio
notes 6 and 13
56
60
65
dB
S/NUW
unweighted signal-to-noise ratio notes 6 and 13
49
53
−
dB
∆V
rc
residual carrier signal
note 6
−
5.5
−
mV
∆V
rc(2H)
2nd harmonic of residual carrier
signal
note 6
−
2.5
−
mV
PSRR
power supply ripple rejection
at the output
−
40
−
dB
VIF AND TUNER AGC; note 14
Timing of VIF-AGC with a 2.2
µF capacitor (pin DECVIF)
MVI
modulated video interference
60% AM for 1 to 100 mV;
0 to 200 Hz; system B/G
−−
10
%
tres
response time
VIF input signal
amplitude increase of
52 dB; positive and
negative modulation
−
2
−
ms
VIF input signal
amplitude decrease of
52 dB
negative modulation
−
50
−
ms
positive modulation
−
100
−
ms
IL
leakage current of the capacitor
on pin 4
negative modulation
−−
10
µA
positive modulation
−−
200
nA
∆Vo(v)
change in video output signal
amplitude over 1 vertical period
for peak white AGC at positive
modulation
capacitor on pin 4 is
0.5
µF
−−
2%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com