Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9321 Datasheet HTML 1Page - NXP Semiconductors TDA9321 Datasheet HTML 2Page - NXP Semiconductors TDA9321 Datasheet HTML 3Page - NXP Semiconductors TDA9321 Datasheet HTML 4Page - NXP Semiconductors TDA9321 Datasheet HTML 5Page - NXP Semiconductors TDA9321 Datasheet HTML 6Page - NXP Semiconductors TDA9321 Datasheet HTML 7Page - NXP Semiconductors TDA9321 Datasheet HTML 8Page - NXP Semiconductors TDA9321 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1998 Dec 16
3
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pins VP1 and VP2)
7.2
8.0
8.8
V
IP
supply current (pins VP1 and VP2)
−
120
−
mA
Input signals
Vi(VIF)(rms)
VIF amplifier sensitivity (RMS value)
−
35
−µV
Vi(SIF)(rms)
SIF amplifier sensitivity (RMS value)
−
30
−µV
Vi(CVBS/Y)(p-p)
CVBS or Y input signal (peak-to-peak value)
−
1.0
−
V
Vi(C)(p-p)
chrominance input signal (burst amplitude)
(peak-to-peak value)
−
0.3
−
V
Vi(RGB)(p-p)
RGB input signal (peak-to-peak value)
−
0.7
−
V
Output signals
Vo(VIFO)(p-p)
demodulated CVBS output signal (peak-to-peak value)
−
2.5
−
V
Vo(CVBSPIP)(p-p)
CVBS output signal for Picture-In-Picture
(peak-to-peak value)
−
1.0
−
V
Vo(CVBSTXT)(p-p) CVBS output signal for teletext (peak-to-peak value)
−
2.0
−
V
Io(TAGC)
tuner AGC output current
0
−
5mA
Vo(QSS)(rms)
QSS output signal (RMS value)
−
100
−
mV
Vo(AM)(rms)
demodulated AM sound output signal (RMS value)
−
500
−
mV
Vo(V)(p-p)
−V output signal (peak-to-peak value)
−
1.05
−
V
Vo(U)(p-p)
−U output signal (peak-to-peak value)
−
1.33
−
V
Vo(Y)(b-w)
Y output signal (black-to-white value)
−
1.0
−
V
Vo(hor)
horizontal pulse output
−
5
−
V
Vo(ver)
vertical pulse output
−
5
−
V
Vo(sc)(p-p)
subcarrier output signal (peak-to-peak value)
−
250
−
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com