Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors TDA9321 Datasheet HTML 29Page - NXP Semiconductors TDA9321 Datasheet HTML 30Page - NXP Semiconductors TDA9321 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
1998 Dec 16
27
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
RGB switch and YUV switch
RGB SWITCH (PINS RI1 TO BI1 AND RI2 TO BI2)
Vi(p-p)
input signal amplitude
(peak-to-peak value)
−
0.7
1.0
V
Zsource(max)
maximum source impedance
−−
1.0
k
Ω
∆Vbl(int-ext)
difference between black level
of internal and external signals
at the outputs
−−
10
mV
Ii
input current
no clamping; note 3
−
0.1
1
µA
∆td
delay difference between the
three channels
note 6
−
020
ns
YUV INPUTS (WHEN ACTIVATED)
Vi(Y)(p-p)
Y input signal amplitude
(peak-to-peak value)
−
1.0
−
V
Vi(U)(p-p)
U input signal amplitude
(peak-to-peak value)
−
1.33
−
V
Vi(V)(p-p)
V input signal amplitude
(peak-to-peak value)
−
1.05
−
V
Zsource(max)
maximum source impedance
−−
1.0
k
Ω
∆V
bl(int-ext)
difference between black level
of internal and external signals
at the outputs
−−
10
mV
Ii
input current
no clamping; note 3
−
0.1
1
µA
FAST BLANKING (PINS RGB1 AND RGB2)
Vi
input voltage
no data insertion
−−
0.4
V
data insertion
0.9
−−
V
Vi(max)
maximum input pulse
−−
3.5
V
Ii
input current
−−
0.2
mA
∆t
d(blank-RGB)
delay difference between
blanking and RGB signals
note 6
−−
tbf
ns
αsup(int)
suppression of internal YUV
signals
data insertion;
fi = 0 to 5 MHz; note 6
55
−−
dB
α
sup(ext)
suppression of external RGB
signals
no data insertion;
fi = 0 to 5 MHz; note 6
55
−−
dB
td(blank-YUV)
delay between blanking input
and YUV outputs
−−
tbf
ns
LUMINANCE OUTPUT (PIN YO); note 31
Vo(p-p)
output signal amplitude
(peak-to-peak value)
black-to-white
−
1.0
−
V
Vo
output voltage during PALplus
black-to-white
−
0.8
−
V
∆V
bl(YUV-RGB)
difference in black level
between YUV and RGB mode
−−
10
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com