Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9321 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA9321
Description  I2C-bus controlled TV input processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9321 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA9321 Datasheet HTML 21Page - NXP Semiconductors TDA9321 Datasheet HTML 22Page - NXP Semiconductors TDA9321 Datasheet HTML 23Page - NXP Semiconductors TDA9321 Datasheet HTML 24Page - NXP Semiconductors TDA9321 Datasheet HTML 25Page - NXP Semiconductors TDA9321 Datasheet HTML 26Page - NXP Semiconductors TDA9321 Datasheet HTML 27Page - NXP Semiconductors TDA9321 Datasheet HTML 28Page - NXP Semiconductors TDA9321 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
1998 Dec 16
25
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV input processor
TDA9321H
Oscillator
TCfosc
temperature coefficient of
oscillator frequency
note 6
−−
1
Hz/K
∆f
osc/VP
oscillator frequency variation
with respect to the supply
voltage
VP =8V ±10%; note 6
−−
25
Hz
Rneg(min)
minimum negative resistance
−−
1.0
k
Ω
CL(max)
maximum load capacitance
−−
15
pF
HUE CONTROL; note 28
CRhue
hue control range
63 steps; see Fig.4
±35
±40
−
deg
∆hue/∆VP
hue dependency with respect
to the supply voltage
VP ±10%; note 6
−
0
−
deg
∆hue/∆T
hue dependency with
temperature
Tamb = 0 to 70 °C; note 6
−
0
−
deg
DEMODULATORS
General
∆V/∆V
spread of signal amplitude ratio
between standards
note 6
−1
−
+1
dB
PAL/NTSC demodulator
G(B-Y)(R-Y)
gain between both
demodulators (B
− Y) and
(R
− Y)
1.60
1.78
1.96
B−3dB(dem)
−3 dB bandwidth of
demodulators
note 29
−
650
−
kHz
∆V
o(rc)(p-p)
residual carrier output
(peak-to-peak value)
f=fosc; (R − Y) output
−−
5mV
f=fosc; (B − Y) output
−−
5mV
f=2fosc; (R − Y) output
−−
5mV
f=2fosc; (B − Y) output
−−
5mV
RRH/2(p-p)
H/2 ripple rejection
(peak-to-peak value)
at (R
− Y) output
−−
25
mV
∆V
o/T
output voltage variation with
temperature
note 6
−
0.1
−
%/K
∆V
o/VP
output voltage variation with
respect to the supply voltage
note 6
−−
0.3
dB/V
ϕ
e
phase error in the demodulated
signals
note 6
−−
±5
deg
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com