Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9271 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # STAC9271
Description  10-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9271 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button STAC9271 Datasheet HTML 13Page - Integrated Device Technology STAC9271 Datasheet HTML 14Page - Integrated Device Technology STAC9271 Datasheet HTML 15Page - Integrated Device Technology STAC9271 Datasheet HTML 16Page - Integrated Device Technology STAC9271 Datasheet HTML 17Page - Integrated Device Technology STAC9271 Datasheet HTML 18Page - Integrated Device Technology STAC9271 Datasheet HTML 19Page - Integrated Device Technology STAC9271 Datasheet HTML 20Page - Integrated Device Technology STAC9271 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 223 page
background image
STAC9271/9272/9273/9274
10-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
10-CHANNEL HIGH DEFINITION AUDIO CODEC
17
STAC9271/9272/9273/9274 V 1.0 MARCH2007
IDT CONFIDENTIAL
2.3.
STAC927x Family 5 V, 4.5 V, 4.0 V and 3.3 V Analog Performance Characteristics
(Tambient = 25 ºC, AVdd = Supply ± 5%, DVdd = 3.3 V ± 5%, AVss=DVss=0 V; 1 kHz input sine wave; Sample Fre-
quency = 48 kHz; 0 dB = 1 VRMS, 10 K
Ω/50 pF load, Testbench Characterization BW: 20 Hz – 20 kHz, 0 dB settings
on all gain stages)
Parameter
Conditions
AVdd
Min
Typ
Max
Unit
Digital to Analog Converters
Resolution
All
24
Bits
SNR - DAC to All Line-Out Ports
(Note 4)
Analog Mixer Disabled, PCM data
5 V
4.5 V
4.0 V
3.3 V
105
101
100
98
dB
THD+N - DAC to All Line-Out Ports
(Note 3)
Analog Mixer Disabled, -3dB Signal,
PCM data
5 V
4.5 V
4.0 V
3.3 V
90
88
86
84
dB
SNR - DAC to All Line-Out Ports
(Note 4)
Analog Mixer Enabled, PCM data
5 V
4.5 V
4.0 V
3.3 V
90
88
87
85
dB
THD+N - DAC to All Line-Out Ports
(Note 3)
Analog Mixer Enabled, -3dB Signal,
PCM data
5 V
4.5 V
4.0 V
3.3 V
80
78
77
75
dB
Dynamic Range: DAC to All Line Out Ports
(Note2)
-60dB Signal Level
5 V
4.5 V
4.0 V
3.3 V
-
95
93
92
90
-dB
SNR - DAC to All Headphone Ports
(Note 4)
Analog Mixer Disabled, 10 K
Ω load,
PCM data
5 V
4.5 V
4.0 V
3.3 V
105
101
100
98
dB
THD+N - DAC to All Headphone Ports
(Note 3)
Analog Mixer Disabled, -3dB Signal,
10 K
Ω load, PCM data
5 V
4.5 V
4.0 V
3.3 V
85
83
82
80
dB
SNR - DAC to All Headphone Ports with 2
Headphone Outputs Operating
(Note 4)
Analog Mixer Disabled, 32
Ω load, PCM
data
5 V
4.5 V
4.0 V
3.3 V
100
98
97
95
dB
THD+N - DAC to All Headphone Ports with 2
Headphone Outputs Operating
(Note 3)
Analog Mixer Disabled, -3dB Signal,
32
Ω load, PCM data
5 V
4.5 V
4.0 V
3.3 V
82
80
79
77
dB
SNR - DAC to All Headphone Ports
(Note 4)
Analog Mixer Disabled, 32
Ω load, PCM
data
5 V
4.5 V
4.0 V
3.3 V
100
98
97
95
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com